Electronic Components Datasheet Search
  English  ▼

X  

CTAR-1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CTAR-1
Description  Konform짰 AR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CTAR-1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CTAR-1 Datasheet HTML 1Page - List of Unclassifed Manufacturers CTAR-1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-770-424-4888  www.chemtronics.com
Rev. J (6/21) Page 2 of 2
8125 Cobb Center Drive, Kennesaw, GA 30152  1-770-424-4888  www.chemtronics.com
Konform® AR
Product# CTAR-12, CTAR-P, CTAR-1
Compatibility
Konform AR is generally compatible with most materials found
on printed circuit boards. As with any chemical product,
product/component compatibility must be determined on a non-
critical area prior to use.
Performance
Moisture Resistance
Good
Removability
Excellent
Ease of Repair
Excellent
Flexibility
Fair
Adhesion
Excellent
Abrasion Resistance
Excellent
Solvent Resistance
Fair
Usage Instructions
For industrial use only. Read SDS carefully prior to use.
Before applying Konform AR conformal coatings, clean circuit
boards to remove contamination and allow to dry. Cleaning
may be performed with Chemtronics Flux-Off products.
SPRAY APPLICATION: Apply top to bottom, allowing coating
to flow evenly around components. Rotate PCB 90° and repeat
application. Rotate and apply coating two additional times, then
allow board to cure. If additional thickness is desired, apply
additional coatings. When using liquid spray with automatic
dispensing equipment, adjustments may be required in
application rate and viscosity.
DIP APPLICATION: Using automatic equipment or hand
immersion technique, slowly immerse PCB into the coating and
remove slowly. Use an average rate of approximately 1 foot per
minute. After allowing the board to cure, process may be
repeated to achieve desired thickness.
BRUSH APPLICATIONS: Evenly apply coating to areas
desired at thickness required. Allow time for curing before
reapplying to achieve a thick coating. Use Chemask to protect
components during conformal coating process.
REMOVAL: After application, cured Konform AR may be
removed by soaking in Chemtronics Electro-Wash Two Step.
Availability
CTAR-12
11.5 oz. / 326 g Aerosol
CTAR-P
16 fl. oz. / 473ml Liquid
CTAR-1
1 Gal / 3.7 L Liquid
Environmental Impact Data
CFC
0.0%
HCFC
0.0%
CL Solv.
0.0%
VOC
88.9 %
HFC
0.0%
ODP
0.00
CFC, HCFC, CL. SOLV., VOC, and HFC numbers shown are the content by
weight. Ozone depletion potential (ODP) is determined in accordance with the
Montreal Protocol and U.S. Clean Air Act of 1990.
Technical and Application Assistance
Chemtronics provides a technical hotline to answer your
technical and application related questions.
The toll free number is: 1-800-TECH-401.
Note:
This information is believed to be accurate. It is intended for
professional end users having the skills to evaluate and use the
data properly. CHEMTRONICS does not guarantee the
accuracy of the data and assumes no liability in connection
with damages incurred while using it.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com