Electronic Components Datasheet Search
  English  ▼

X  

DJS-0.1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DJS-0.1
Description  Conductivity Electrode User Manual
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

DJS-0.1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DJS-0.1 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Conductivity Electrode User Manual
1. Application
This conductivity electrode is the measuring element of the conductivity meter. It used to
measure the conductivity value of the aqueous solution or as a conductance titration.
2. Model and Main Technical Parameters
Model
DJS-0.1
260
DJS-1
DJS-10
Vessel
Constant
0.1±0.02
0.6±0.2
1±0.2
10±2
3. Use and Maintenance
1. There are two kinds of conductivity electrode, shiny electrode and platinum black
electrode. platinum-plated black aims to increase the effective area of the electrode sheet
and relieve being polarized. So in the measurement of large conductivity solutions, using
a platinum black electrode is more appropriate.
2. For the platinum black electrode, before use, it can be immersed in deionized water to
prevent the platinum black inerting.
3. When platinum black coating off or fade, then you must re-plating platinum black to
ensure the accuracy of the measurement readings.
4. The cell constant marked on the electrode is just for reference. If you want to test the cell
constant is accurate or not, you can lookup the corresponding conductivity value K
according to the concentration and temperature of the tested solution. Then the cell
constant Q is calculated based on the measured resistance R .
The formula is Q = K × R .
See table below for details:
Model
Solution
Concentration
Solution
Temperature( ℃)
Conductivity Value
25
1.468×10-4
DJS-0.1
0.001mol/L KCL
30
1.64×10-4
25
1.413×10-3
260、DJS-1
0.01mol/L KCL
30
1.522×10-3
25
1.28×10-2
DJS-10
0.1mol/L KCL
30
1.414×10-2
4. Quality Warranty
1. The quality assurance of the electrode is the period for stored. It is about one year.
2. During the warranty period, if you find some problems caused by factories and not
working, the manufacturer should be responsible for the repair or return.


Similar Part No. - DJS-0.1

ManufacturerPart #DatasheetDescription
logo
SYNERGY MICROWAVE CORPO...
DJS-345 SYNERGY-DJS-345 Datasheet
269Kb / 4P
4 PORT 0쨘/180쨘 HYBRID SURFACE MOUNT MODEL
More results

Similar Description - DJS-0.1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VFD-L ETC-VFD-L Datasheet
489Kb / 16P
User Manual
logo
Motorola, Inc
M68060 MOTOROLA-M68060 Datasheet
1Mb / 416P
M68060 User Manual
logo
Freescale Semiconductor...
MC68F333 FREESCALE-MC68F333 Datasheet
12Mb / 364P
USER MANUAL
logo
CML Microcircuits
EV0181 CMLMICRO-EV0181 Datasheet
544Kb / 18P
User Manual
EV1050 CMLMICRO-EV1050 Datasheet
341Kb / 9P
User Manual
EV6021 CMLMICRO-EV6021 Datasheet
314Kb / 28P
User Manual
logo
NXP Semiconductors
UM10601 NXP-UM10601 Datasheet
1Mb / 313P
LPC800 User manual
Rev. 1.0-7 November 2012
logo
ATMEL Corporation
E1106 ATMEL-E1106 Datasheet
480Kb / 14P
E1106 User Manual
logo
List of Unclassifed Man...
WIZ820IO ETC2-WIZ820IO Datasheet
562Kb / 15P
WIZ820io User Manual
logo
COREBAI Microelectronic...
CBM1001A-Q COREBAI-CBM1001A-Q Datasheet
1Mb / 15P
User manual
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com