Electronic Components Datasheet Search
  English  ▼

X  

GS2678 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # GS2678
Description  5A 350KHz 25V Buck DC to DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

GS2678 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  GS2678 Datasheet HTML 1Page - List of Unclassifed Manufacturers GS2678 Datasheet HTML 2Page - List of Unclassifed Manufacturers GS2678 Datasheet HTML 3Page - List of Unclassifed Manufacturers GS2678 Datasheet HTML 4Page - List of Unclassifed Manufacturers GS2678 Datasheet HTML 5Page - List of Unclassifed Manufacturers GS2678 Datasheet HTML 6Page - List of Unclassifed Manufacturers GS2678 Datasheet HTML 7Page - List of Unclassifed Manufacturers GS2678 Datasheet HTML 8Page - List of Unclassifed Manufacturers GS2678 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Datasheet
5A 350KHz 25V Buck DC to DC Converter
2
Pin Configurations
Figure2. Pin Configuration of GS2678 (Top View)
Table 1 Pin Description
Pin Number
Pin Name
Description
1
GND
Ground Pin. Care must be taken in layout. This pin should be
placed outside of the Schottky Diode to output capacitor
ground path to prevent switching current spikes from inducing
voltage noise into GS2678.
2
FB
Feedback Pin (FB). Through an external resistor divider
network, FB senses the output voltage and regulates it. The
feedback threshold voltage is 0.8V.
3
SW
Power Switch Output Pin (SW). SW is the switch node that
supplies power to the output.
4
EN
Enable Pin. Drive EN pin high to turn on the device, drive it
low to turn it off. Floating is default high.
5
VIN
Supply Voltage Input Pin. GS2678 operates from a 3.6V to
25V DC voltage. Bypass Vin to GND with a suitably large
capacitor to eliminate noise on the input.
SHENZHEN GSM ELECTAONIC CO.,LTD http://www.086ic.cn
tel:0755-81275006 mob:13424297678



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com