Electronic Components Datasheet Search
  English  ▼

X  

BB-USBHUB4OEM. Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # BB-USBHUB4OEM.
Description  Four-port USB Hub ??OEM Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-USBHUB4OEM. Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  BB-USBHUB4OEM. Datasheet HTML 1Page - Advantech Co., Ltd. BB-USBHUB4OEM. Datasheet HTML 2Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
All product specifications are subject to change without notice.
Advantech B+B SmartWorx, 707 Dayton Road, PO Box 1040 Ottawa, IL 61350 USA
1 (800)346-3119/Toll Free | orders@advantech-bb.com | support@advantech-bb.com
www.advantech.com
Four-port USB Hub
– OEM Module
Model BB-USBHUB4OEM
Model BB-USBHUB4OEM is a four-port, high-speed, USB hub intended for OEM
applications where space is at a premium and external packaging is not required.
High ESD protection makes it suitable for use in electrically harsh environments.
Full speed (480 Mbps) USB 2.0 support allows connectivity with modern
computer technology. High retention USB ports on the upstream and
downstream sides allow you to use standard off the shelf USB cables while being
confident that they will not come loose during operation. When installed in your
system, the BB-USBHUB4OEM appears as an unbranded USB hub.
The hub is powered entirely by the USB host port, leaving your
installation uncluttered by power cabling. As a bus powered device, it provides
100 mA of power to downstream peripherals which is adequate for most
applications. Important: check your device to be sure this power is adequate.
If it needs more power, Advantech B+B SmartWorx has a variety of externally
powered hubs to select from.
• High-retention USB port connectors
• Ultra-compact, open bare-board design
• ESD protection - 8 kV contact, 15 kV air
• -40 to +80 °C operating temperature
• Powered from USB host
• USB 2.0
• Installs as an unbranded USB hub
PRODUCT FEATURES
ORDERING INFORMATION
MODEL NUMBER
USB SPEED
BB-USBHUB4OEM
4 Port USB Hub, OEM Module
SPECIFICATIONS
USB TECHNOLOGY
USB Compatibility
1.1, 2.0
Speed
1.5, 12, 480 Mbps
Connectors
Type A & B High Retention (15 N / 3.4 lbs-force withdrawal)
POWER
Source
5 VDC from USB bus/host
Power Consumption 2.5 Watts, maximum
Downstream Power Provides 100 mA per port to power downstream USB devices
MECHANICAL
Dimensions
135.6 x 51 x 18 mm (0.4 x 2.4 x 0.7 in)
Weight
0.8 oz (22.7 g)
MEANTIME BETWEEN FAILURES (MTBF)
MTBF
552747 hours
MTBF Calc. Method MIL 217F Parts Count Reliability
APPROVALS, DIRECTIVES, STANDARDS
FCC, CE
CE - Directives
2014/30/EU Electromagnetic Compatibility Directive
2011/65/EU amended by (EU) 2015/863 Reduction of Hazardous
Substances Directive (RoHS)
2012/19/EU Waste Electrical and Electronic Equipment (WEEE)
CE - Standards
EMC:
EN 55032 Class B: Electromagnetic Compatibility of Multimedia
Equipment – Emission Requirements
EN 55024 - Information Technology Equipment - Immunity
Characteristics - Limits and Methods of Measurements
Standards - Other
EN 61000-6-3 +A1 - Generic Emissions Standard for Residential,
Commercial and Light-industrial Environments
BB-USBHUB4OEM_2120ds
pn8991-r5


Similar Part No. - BB-USBHUB4OEM.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-USBHUB4OEM ADVANTECH-BB-USBHUB4OEM Datasheet
967Kb / 4P
Industrial USB 2.0 & 3.0 Hubs
22-Jun-2022
More results

Similar Description - BB-USBHUB4OEM.

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS2070 TI-TPS2070_07 Datasheet
688Kb / 31P
FOUR-PORT USB HUB POWER CONTROLLERS
TUSB8040_1110 TI-TUSB8040_1110 Datasheet
414Kb / 33P
USB 3.0 Four Port Hub
TUSB8040A1 TI1-TUSB8040A1 Datasheet
391Kb / 38P
Four-Port USB 3.0 Hub
TUSB4041I TI1-TUSB4041I Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB4041I-Q1 TI1-TUSB4041I-Q1 Datasheet
1Mb / 44P
Four-Port USB 2.0 Hub
TUSB8041 TI1-TUSB8041 Datasheet
2Mb / 48P
Four-Port USB 3.0 Hub
TUSB8040 TI1-TUSB8040_15 Datasheet
363Kb / 32P
USB 3.0 Four Port Hub
TUSB8043 TI1-TUSB8043 Datasheet
2Mb / 59P
Four-Port USB 3.1 Gen1 Hub
logo
Advantech Co., Ltd.
BB-UH104 ADVANTECH-BB-UH104 Datasheet
229Kb / 1P
Four-port Industrial USB 2.0 Hub
26-Nov-2019
USBHUB4OEM ADVANTECH-USBHUB4OEM Datasheet
582Kb / 2P
Four-port USB Hub ??OEM Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com