Electronic Components Datasheet Search
  English  ▼

X  

SCOTCHFIL Datasheet(PDF) 1 Page - 3M Electronics

Part # SCOTCHFIL
Description  ScotchfilTM Electrical Insulation Putty
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

SCOTCHFIL Datasheet(HTML) 1 Page - 3M Electronics

  SCOTCHFIL Datasheet HTML 1Page - 3M Electronics SCOTCHFIL Datasheet HTML 2Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1 of 2
ScotchfilTM
Electrical Insulation Putty
Data Sheet
__________________________________________________________________________________
__________________________________________________________________________________________
3M UK PLC
3M Ireland
3M UK PLC
Electrical Products
Sales Office
Sales Office
3M Centre, Cain Road
3M House, Adelphi Centre
PO Box 393
Bracknell, Berkshire RG12 1JU
Dun Laoghaire, Co Dublin, Ireland
Bedford MK41 0YE
Telephone: 01344 858616
Telephone: 353 1 280 3555
Telephone: 01234 229462
Fax: 01344 858758
Fax: 353 1 280 3509
Fax: 01234 229433
Product Description
Scotchfil Brand electrical insulation putty is a
puttylike electrical grade compound in tape form.
Scotchfil Putty is UL Recognised as a splice
insulation for electrical conductors at
temperatures up to 80°C (176°F) when
overwrapped with either Super 33+ or Super 88
Vinyl Electrical Tape
Tape Features
UL “Recognised” Category OCOT2, File No.
E59951.
Non-corrosive, synthetic rubber.
Excellent electrical properties.
Excellent ageing properties.
Will not dry out.
Applies cleanly without waste.
Applications
To insulate low-voltage (600 volts and less)
connections.
To build up cable splices and fill out major
irregularities and voids in low-voltage splices
(2300 volts and less) in order to obtain a
uniform base for further taping.
To round out high-voltage connections to
gear.
To smooth bus bar irregularities.
To create a resin dam in resin pressure
splices.
To create a moisture seal at ground wire exit
in high-voltage splices.
To moisture seal multi-conductor cable
connections.
Physical and Electrical Properties
Physical Properties
Colour
Black
Thickness ASTM D1000
3.175mm
Elongation ASTM D1000
1000% min
Copper Corrosion
None
Electrical Properties
Dielectric Strength
ASTM D1000
22kV/mm
Insulation Resistance
ASTM D1000
>1 x 106
megaohms
Specifications
Product
The insulating putty must be in tape form, the
thickness of which must be a minimum of
2.54mm. The tape must be a rubber-based tape
capable of being formed and moulded with
moderate finger tension at temperatures as low as
0°C (32°F). Neither the tape nor any of its
components shall cause the corrosion of copper.
The tape must be compatible with all synthetic
cable insulation as well as other splicing tapes.
Engineering/Architectural Specification
All 2300 volts or less feeder connections, taps
and splices on wires larger than 10mm2 with
irregular-shaped connectors shall be first built up
with electrical insulating putty to eliminate both
sharp corners and voids. Enough insulating putty
shall be used until good overall padding is
provided. Compress putty to fill all voids and
generally smooth out before applying electrical
splice protection.
All 600 volts or less splices and terminations on
wire larger than 10mm2 with irregular-shaped
connectors shall be insulated with a minimum of
6mm of electrical insulating putty. The entire
connection must be covered with the 6mm of
electrical insulating putty. The insulating putty
must then be over wrapped with a vinyl tape
applied with the same tension as it has when it
comes from the roll. This vinyl tape shall provide
a uniform covering of at least four layers, half-
lapped in two directions.


Similar Part No. - SCOTCHFIL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCO-060 ETC2-SCO-060 Datasheet
86Kb / 2P
5.0V / 3.3V supply voltage
logo
Hanwha Vision Co., Ltd....
SCO-1020R HANWHAVISION-SCO-1020R Datasheet
250Kb / 2P
High Resolution Weatherproof IR Camera
SCO-2040R HANWHAVISION-SCO-2040R Datasheet
287Kb / 2P
High Resolution Small IR Camera
SCO-2080 HANWHAVISION-SCO-2080 Datasheet
334Kb / 2P
High Resolution Varifocal Lens Camera
SCO-2080R HANWHAVISION-SCO-2080R Datasheet
336Kb / 2P
1/3" High Resolution Varifocal Lens IR LED Camera
More results

Similar Description - SCOTCHFIL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD404344 HITACHI-HD404344 Datasheet
797Kb / 22P
ELECTRICAL SPECIFICATIONS
HD6433258P10 HITACHI-HD6433258P10 Datasheet
797Kb / 22P
ELECTRICAL SPECIFICATIONS
logo
Cooper Bussmann, Inc.
170M1422 COOPER-170M1422 Datasheet
46Kb / 2P
Electrical Characteristics
logo
Wurth Elektronik GmbH &...
749023015 WURTH-749023015 Datasheet
273Kb / 1P
ELECTRICAL SPECIFICATIONS
logo
TE Connectivity Ltd
SR6-D TEC-SR6-D Datasheet
334Kb / 2P
High insulation distances between electrical circuits
logo
T-Global Technology
TG-A7000 TGLOBAL-TG-A7000 Datasheet
339Kb / 1P
Thermal Putty
Version17 20210203
NSP35LV TGLOBAL-NSP35LV Datasheet
584Kb / 1P
TG-NSP35LV Non-Silicone Thermal Putty
TG-NSP35-2 TGLOBAL-TG-NSP35-2 Datasheet
683Kb / 2P
Non-Silicone Thermal Putty
TG-NSP36K-1-1 TGLOBAL-TG-NSP36K-1-1 Datasheet
586Kb / 1P
Non-Silicone Thermal Putty
TG-NSP80 TGLOBAL-TG-NSP80 Datasheet
582Kb / 1P
Non-Silicone Thermal Putty
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com