Electronic Components Datasheet Search
  English  ▼

X  

SS20M2T Datasheet(PDF) 1 Page - Amphenol Corporation

Part # SS20M2T
Description  ECO-MATE,SOCKET CONTACT
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

SS20M2T Datasheet(HTML) 1 Page - Amphenol Corporation

  SS20M2T Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SS20M2T

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SS20 RECTRON-SS20 Datasheet
282Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 60 Volts CURRENT 1.0 Ampere
logo
TOKYO SEIMITSU CO., LTD
SS20 ACCRETECH-SS20 Datasheet
583Kb / 2P
New standard for semi-automatic dicers with enhanced operability
logo
Pro-Power
SS20 PROPOWER-SS20 Datasheet
114Kb / 2P
Conduit Accessories
01/02/08 V1.0
logo
Rectron Semiconductor
SS200 RECTRON-SS200 Datasheet
249Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Sanyo Semicon Device
SS20015M SANYO-SS20015M Datasheet
42Kb / 3P
Low VF Schottky Barrier Diode 15V, 2.0A Rectifier
More results

Similar Description - SS20M2T

ManufacturerPart #DatasheetDescription
logo
Japan Aviation Electron...
M37S07K4F3 JAE-M37S07K4F3 Datasheet
139Kb / 1P
SOCKET CONTACT
031-50675 JAE-031-50675 Datasheet
273Kb / 1P
SOCKET CONTACT
M23S05K351 JAE-M23S05K351 Datasheet
133Kb / 1P
SOCKET CONTACT
M37S07K4P3 JAE-M37S07K4P3 Datasheet
141Kb / 1P
SOCKET CONTACT
logo
Tyco Electronics
170366-1 MACOM-170366-1 Datasheet
35Kb / 1P
MINI UNIVERSAL MATE-N-LOK SOCKET CONTACT LOOSE PIECE
61085 MACOM-61085 Datasheet
42Kb / 1P
SOCKET, 156 MATE-N-LOK
350536 MACOM-350536 Datasheet
74Kb / 1P
SOCKET, UNIVERSAL MATE-N-LOK
770010 MACOM-770010 Datasheet
103Kb / 1P
SOCKET, UNIVERSAL MATE-N-LOK
logo
List of Unclassifed Man...
170365-3 ETC2-170365-3 Datasheet
34Kb / 1P
MINI UNIVERSAL MATE-N-LOK SOCKET CONTACT LOOSE PIECE
logo
Japan Automatic Machine...
JC-0622-077 JAM-JC-0622-077 Datasheet
32Kb / 1P
Socket Contact
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com