| Electronic Components Datasheet Search |
|
RS25KB040 Datasheet(PDF) 2 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
RS25KB040 Datasheet(HTML) 2 Page - Intel Corporation |
|
2 / 4 page ![]() Intel® Integrated rAID Modules rMS25KB080 and rMS25KB040 Low Cost SAS-2 with Mirroring, Striping and JBOD for Intel® Server Boards and Systems Why Intel® RAID? All Intel rAID solutions are validated across multiple platforms with Intel® boards, chassis, and systems. Custom training, as well as Intel service and support, make Intel the one source for customers seeking data protection, increased productivity, and simplified IT. Product Overview: Ideal for servers and workstations needing high-speed data transfer within a small hardware footprint, the Intel rAID Module rMS25KB080/040 delivers a 1u capable design with high- throughput for internal storage applications. this rAID controller provides SAS capability that allows compatibility with 6Gb/s and 3Gb/s SAS and SAtA hard drives, and SAS expander devices. While many other SAS controllers are driven by large rAID software stacks between the host CPu and controller, the rMS25KB080/040 utilizes the embedded CPu in the LSI* 2308 ASIC to perform rAID 0, 1, and 1e/10 operations. With the reduction in rAID overhead, the rMS25KB080/040 offers superior internal reAD/WrIte performance. Key Advantages: • • • • System Design Flexibility – 1u capable SAS rAID module connects to the Storage I/O expansion slot available on select Intel® server boards based on the Intel® Xeon® processor e5 product family. this module can be used in Intel and 3rd party chassis without the need for a riser card or low profile cutout. Cost Effective Data Protection – provides a low-cost rAID 0, 1 and 1e solution for entry-level server and workstation environments where high-performance and reliable data protection are required. Excellent Performance and Ultra-Thin Driver – LSI fusion- MPt™ architecture and LSI2308 I/O Controller provides up to 700,000 I/Os per second while communicating over the PCI express* 3.0 Host Bus. High Scalable SAS or SATA Storage – connect SAS or SAtA devices within the array. employ Just a Bunch of Disks (JBODs) with support of up to 512 physical devices, or rAID 0, 1, 1e/10 with up to 10 devices. The Intel® RMS25KB family has an option for a 4 port or an 8 port model. |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |