Electronic Components Datasheet Search
  English  ▼

X  

MAD1109 Datasheet(PDF) 2 Page - Protek Devices

Part # MAD1109
Description  STEERING DIODE ARRAY
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

MAD1109 Datasheet(HTML) 2 Page - Protek Devices

  MAD1109 Datasheet HTML 1Page - Protek Devices MAD1109 Datasheet HTML 2Page - Protek Devices MAD1109 Datasheet HTML 3Page - Protek Devices MAD1109 Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
www.protekdevices.com
05146.R6 8/03
MAD
SERIES
DEVICE CHARACTERISTICS
t - Time - µs
0
5
10
15
20
25
30
0
20
40
60
80
100
120
TEST
WAVEFORM
PARAMETERS
t
f = 8µs
t
d = 20µs
t
f
Peak Value I
PP
e-t
t
d = t
I
PP/2
FIGURE 1
PULSE WAVE FORM
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
Continuous Power Dissipation
Continuous Forward Current (Single Diode)
Repetitive Peak Forward Current @ tp=5µs, F=50kHz
Operating Temperature
SYMBOL
VALUE
-55°C to 150°C
°C
°C
-55°C to 150°C
mA
mA
Milliwatts
UNITS
700
400
500
T
J
I
FRM
I
F
P
PK
T
STG
PARAMETER
Storage Temperature
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
REPETITIVE
PEAK
REVERSE
VOLTAGE
@ 10µA
V
RRM
VOLTS
MAXIMUM
REVERSE
LEAKAGE
CURRENT
V
RRM @ 40V
I
R
µA
MAXIMUM
FORWARD
PEAK PULSE
CURRENT
@8/20µs
I
FM
AMPS
MAXIMUM
CAPACITANCE
(Per Diode)
@ 4V, 1 MHz
C
j
pF
See Note 1
12
1.2
0.1
5
MAXIMUM
FORWARD
VOLTAGE
@100mA
V
F
VOLTS
50
Note 1: Device types include: MAD130, MAD1103, MAD1105, MAD1106, MAD1107 and MAD1109. Electrical characteristics apply to all device types.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com