Electronic Components Datasheet Search
  English  ▼

X  

PV200CUSB Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # PV200CUSB
Description  200W PowerVerter Ultra-Compact Car Inverter with 2 Outlets and 2 USB Charging Ports, Cup Holder Design
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

PV200CUSB Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  PV200CUSB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved PV200CUSB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved PV200CUSB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications
Runs smartphones, laptops, tablets, GPS units, game systems, portable TVs, DVD players, MP3
players and other electronics
q
Features 2 AC outlets, 2.1A USB port and 1.0A USB port
q
Outputs 200 watts (continuous); 400 watts (peak)
q
Easy to Use
Fits snugly in your vehicle’s cup holder for stable performance during travel
q
DC jack plugs into the cigarette lighter socket in your car, truck, boat or RV
q
Lighted on/off switch indicates the unit is receiving power from the battery
q
Premium Construction
Durable plastic housing built to withstand rigors of travel
q
Built-in ventilation fan keeps the interior cool during extended use
q
Automatic low-voltage shutoff prevents deep vehicle battery discharge at 10V
q
No maintenance required
q
OVERVIEW
UPC Code
037332187901
INPUT
Input Connection Type
12VDC cigarette lighter input plug connection
Voltage Compatibility (VDC)
12
Input Cord Length (ft.)
3
Input Cord Length (m)
0.91
OUTPUT
Frequency Compatibility
60 Hz
Pure Sine Wave Output
No
Output (Watts)
200
Nominal Output Voltage(s)
Supported
120V
Output Receptacles
(2) 5-15R
Continuous Output Capacity (Watts)
200
Peak Output Capacity (Watts)
400
Output Frequency Regulation
60 Hz (+/- 3 Hz)
Overload Protection
20A fuse
2 / 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com