Electronic Components Datasheet Search
  English  ▼

X  

VMP4BKUHD Datasheet(PDF) 33 Page - List of Unclassifed Manufacturers

Part # VMP4BKUHD
Description  Pro Audio & Broadcast Catalog
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

VMP4BKUHD Datasheet(HTML) 33 Page - List of Unclassifed Manufacturers

Back Button VMP4BKUHD Datasheet HTML 29Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 30Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 31Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 32Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 33Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 34Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 35Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 36Page - List of Unclassifed Manufacturers VMP4BKUHD Datasheet HTML 37Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 101 page
background image
PATCHBAYS
32 Q-G
®
Patchbay Series
Features and Benefits
• Available in 1RU or 2RU versions
• Available with or without the
connectors
• E Series connectors are silver-plated,
3 pins/contacts with black finish
• Cable tie bar takes the weight
of the cables off the solder
terminations
• Rugged aluminum channel
increases durability
• Silk-screen designation area
makes it easy to re-label channels
Specifications
Materials
Connectors
Housing: Die-cast, black velvet finish
Inserts: Glass-filled thermoplastic
Pin/Contacts: Copper alloy,
silver-plated
Latch Release: Steel, nickel-plated
Insert Locking Cam: Die-cast zinc
Frame
Aluminum, black anodized
Cable Tie Bar
Steel, black epoxy
Ordering Information
Part Number
Height
Description
QGPK116FB
1.75"
16 female
QGPK116MB
1.75"
16 male
QGPK18M8FB
1.75"
8 male, 8 female
QGPK332MFB
3.5"
16 female( top), 16 male (bottom)
QGPK1B
1.75"
Blank panel
QGPK3B
3.5"
Blank panel
QGPK332MFB
The QG
® Patchbay features a 19" rack unit loaded with E Series QG® connectors.
These XLR’s have the same panel cut-out, male or female, silver-plated pins or
contacts, and a black finish. All connectors have solder cup terminals for easy
soldering and the inserts are removable from the back, allowing for easy changes.
The one rack unit height version comes with 16 male, or 16 female, or 8 male
and 8 female connectors. The two rack unit version comes with 16 male and 16
female connectors. We also offer the unit without connectors, but with the panel
cut-outs already punched out.
All versions have a rugged cable tie bar, which takes the weight of the
cabling away from the solder connections.
* Please visit the product pages on our website for the most up-to-date product information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com