Electronic Components Datasheet Search
  English  ▼

X  

CPLCCT-SLM Datasheet(PDF) 1 Page - Belden Inc.

Part # CPLCCT-SLM
Description  Linear Compliant Compression Tool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

CPLCCT-SLM Datasheet(HTML) 1 Page - Belden Inc.

  CPLCCT-SLM Datasheet HTML 1Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1-800-BELDEN 1 • www.Belden.com
Rev 2
Linear Compliant Compression Tool
CPLCCT-SLM, CPLCCT-SLMR
CPLCCT-SLMR Includes:
• Four Interchangeable Tips to Compress
a Variety of Connectors
• Tip Holder
Belden Provides a Complete Integrated Compression Connector and Tool System to Ensure a Secure
Connection.
CPLCCT-SLM, CPLCCT-SLMR
Part Number
Description
CPLCCT-SLMR
Linear Compliant Compression Tool
LMTIP-S
Silver Adapter Tip for F-Conn’s “FS” series F type and RCA Silver
Compression Connectors and ProSNS F type and RCA connectors
LMTIP-G
Gold Adapter Tip for F-Conn’s Gold Compression Connectors
LMTIP-WP
Wall Plate Adapter for F-Conn’s Splice Connectors
LMTIP-RA
Adapter Tip for F-Conn’s Right Angle Connectors
LMTIP-HOLDER Replacement Holder for Adapter Tips
LMTIP-KIT
Kit Includes Holder + 5 Tips (G, S, RA, WP, IEC**)
Installation Tool: CPLCCT-SLM, CPLCCT-SLMR
Belden offers high quality, easy to use tools designed to deliver reliable installation of 360º
compression connectors including the Snap-N-Seal® Standard and ProSNS® families of
connectors.
CPLCCT-SLMR
Features:
• Made of Solid Steel 4130 Chromoly that is Crafted to be both Durable and Light-Weight
• Self-Adjusting Plunger Head Provides a One-Step, One-Tool System
• Utilizes TRUE 360º Compression Technology
• Tool Works with PPC’s Full Line of Snap-N-Seal® ProSNS® Compression Connectors
Install These Types
of Compression Connectors:
• F, RCA and BNC Connectors
• RG59, RG6 Sizes
• RGB/Mini Coax 23-24 AWG and 25-26 AWG
• One-Piece and Multi-Piece Connectors
• Plenum and Security (CCTV) Sizes
• Right Angle Connectors
• Standalone Splice Connectors
• Speaker Connectors
* “R” identifies retail blister style packaging
** IEC Tip for European IEC connectors sold separtely or in kit, only. Tip is not included with SLM tool.
(Replacement tips sold individually
or as complete set in the LMTIP-KIT)


Similar Part No. - CPLCCT-SLM

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
CPLCRBC-BR BELDEN-CPLCRBC-BR Datasheet
2Mb / 36P
The Industry Leader in True 360쨘 Compression Connectors & Tooling Systems
062014
More results

Similar Description - CPLCCT-SLM

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
64008-0570 MOLEX-64008-0570 Datasheet
110Kb / 2P
Crimp Tool Kit for 35mm2 Compression Lugs
11-03-13
64008-1170 MOLEX-64008-1170 Datasheet
110Kb / 2P
Crimp Tool Kit for 120mm2 Compression Lugs
11-03-13
64008-0370 MOLEX-64008-0370 Datasheet
110Kb / 2P
Crimp Tool Kit for 16mm2 Compression Lugs
11-03-13
ATS-640080170 MOLEX-ATS-640080170 Datasheet
109Kb / 2P
Crimp Tool Kit for 6mm2 Compression Lugs
11-03-13
ATS-640080270 MOLEX-ATS-640080270 Datasheet
109Kb / 2P
Crimp Tool Kit for 10mm2 Compression Lugs
11-03-13
ATS-640080470 MOLEX-ATS-640080470 Datasheet
111Kb / 2P
Crimp Tool Kit for 25mm2 Compression Lugs
11-03-13
ATS-640080770 MOLEX-ATS-640080770 Datasheet
111Kb / 2P
Crimp Tool Kit for 70mm2 Compression Lugs
11-03-13
ATS-640080870 MOLEX-ATS-640080870 Datasheet
111Kb / 2P
Crimp Tool Kit for 95mm2 Compression Lugs
11-03-13
ATS-640080970 MOLEX-ATS-640080970 Datasheet
111Kb / 2P
Crimp Tool Kit for 120mm2 Compression Lugs
11-03-13
ATS-640081070 MOLEX-ATS-640081070 Datasheet
112Kb / 2P
Crimp Tool Kit for 150mm2 Compression Lugs
11-03-13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com