Electronic Components Datasheet Search
  English  ▼

X  

TLP606USBB Datasheet(PDF) 3 Page - Tripp Lite. All Rights Reserved

Part # TLP606USBB
Description  Protect It! 6-Outlet Surge Protector, 6 ft. Cord, 990 Joules, 2 USB Ports (2.1A), Black Housing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

TLP606USBB Datasheet(HTML) 3 Page - Tripp Lite. All Rights Reserved

  TLP606USBB Datasheet HTML 1Page - Tripp Lite. All Rights Reserved TLP606USBB Datasheet HTML 2Page - Tripp Lite. All Rights Reserved TLP606USBB Datasheet HTML 3Page - Tripp Lite. All Rights Reserved TLP606USBB Datasheet HTML 4Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Diagnostic LED Details
Built-in LED confirms suppressor "protection present" (green) status
SURGE / NOISE SUPPRESSION
AC Suppression Joule Rating
990
AC Suppression Response Time
< 1 ns
Protection Modes
Includes full normal mode (H-N) and common mode (N-G / H-G) line surge suppression
Clamping Voltage (RMS)
150
UL1449 Let Through Rating
400V
EMI / RFI Filtering
Yes
Automatic Shut-Off
Yes
CHARGING
Number of Charging Ports
2
Charging Method
USB
Charging Port Type
USB A (FEMALE)
Charging Ports / Amps
(2) 2.1A
DATALINE SURGE SUPPRESSION
Telephone/DSL Protection
No
Cable (Coax) Protection
No
Network (Ethernet) Protection
No
PHYSICAL
Antimicrobial Coating
No
Power Cord Color
Black
Housing Color
Black
Integrated Keyhole Mounting Slots
Yes
Material of Construction
Plastic
Outlets Measurement (Center to
Center)
28.5mm
Receptacle Color
Black
Shipping Dimensions (hwd / cm)
4.83 x 14.48 x 37.34
Shipping Dimensions (hwd / in.)
1.90 x 5.70 x 14.70
Shipping Weight (kg)
0.59
Shipping Weight (lbs.)
1.30
Unit Dimensions (hwd / cm)
3.18 x 4.75 x 33.02
Unit Dimensions (hwd / in.)
1.25 x 1.87 x 13
3 / 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com