Electronic Components Datasheet Search
  English  ▼

X  

PSD03C Datasheet(PDF) 1 Page - Protek Devices

Part # PSD03C
Description  DEVICE CHARACTERISTICS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSD03C Datasheet(HTML) 1 Page - Protek Devices

  PSD03C Datasheet HTML 1Page - Protek Devices PSD03C Datasheet HTML 2Page - Protek Devices PSD03C Datasheet HTML 3Page - Protek Devices PSD03C Datasheet HTML 4Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PSD03
thru
PSD36C
1
05118.R9 3/06
www.protekdevices.com
STANDARD CAPACITANCE TVS ARRAY
Only One Name Means ProTek’Tion™
APPLICATIONS
✔ Laptop Computers
✔ Cellular Phones
✔ Digital Cameras
✔ Personnal Digital Assistant (PDA)
IEC COMPATIBILITY (EN61000-4)
✔ 61000-4-2 (ESD): Air - 15kV, Contact - 8kV
✔ 61000-4-4 (EFT): 40A - 5/50ns
✔ 61000-4-5 (Surge): 24A, 8/20µs - Level 2(Line-Ground) & Level 3(Line-Line)
FEATURES
✔ Unidirectional: 500 Watts Peak Pulse Power per Line (tp = 8/20µs)
✔ BidirectionalL 400 Watts Peak Pulse Power per Line (tp = 8/20µs)
✔ Unidirectional & Bidirectional Configurations
✔ Replacement for MLV (0805)
✔ Protects One Power or I/O Port
✔ ESD Protection > 40 kilovolts
✔ Low Clamping Voltage
✔ Available in Multiple Voltage Types Ranging from 3V to 36V
✔ RoHS Compliant in Lead-Free Versions
MECHANICAL CHARACTERISTICS
✔ Molded JEDEC SOD-323
✔ Weight 5 milligrams (Approximate)
✔ Available in Tin-Lead or Lead-Free Pure-Tin Plating(Annealed)
✔ Solder Reflow Temperature:
Tin-Lead - Sn/Pb, 85/15: 240-245°C
Pure-Tin - Sn, 100: 260-270°C
✔ Flammability Rating UL 94V-0
✔ 8mm Tape and Reel Per EIA Standard 481
✔ Device Marking: Marking Code & Polarity Band (Unidirectional Only)
PIN CONFIGURATIONS
SOD-323
1
2
UNIDIRECTIONAL
1
2
BIDIRECTIONAL


Similar Part No. - PSD03C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
PSD03C PROTEC-PSD03C Datasheet
75Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSD03C PROTEC-PSD03C Datasheet
172Kb / 4P
STANDARD CAPACITANCE TVS ARRAY
PSD03C PROTEC-PSD03C Datasheet
662Kb / 8P
HIGH POWERED TVS ARRAY
PSD03C PROTEC-PSD03C Datasheet
776Kb / 8P
HIGH POWERED TVS ARRAY
logo
TECH PUBLIC Electronics...
PSD03C TECHPUBLIC-PSD03C Datasheet
1,010Kb / 4P
1-Line Bi-directional Diode
More results

Similar Description - PSD03C

ManufacturerPart #DatasheetDescription
logo
Protek Devices
P0408FC33C PROTEC-P0408FC33C Datasheet
123Kb / 6P
DEVICE CHARACTERISTICS
logo
Nihon Kaiheiki Industry...
UB15SKW01N-A NKK-UB15SKW01N-A Datasheet
341Kb / 8P
Distinctive Characteristics
logo
New Jersey Semi-Conduct...
15KP150CA NJSEMI-15KP150CA Datasheet
481Kb / 3P
ELECTRICAL CHARACTERISTICS
1N4954 NJSEMI-1N4954 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4958 NJSEMI-1N4958 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
1N4966 NJSEMI-1N4966 Datasheet
358Kb / 1P
ELECTRICAL CHARACTERISTICS
logo
Bel Fuse Inc.
S553-6500-F4-F BEL-S553-6500-F4-F Datasheet
59Kb / 2P
ELECTRICAL CHARACTERISTICS
logo
STMicroelectronics
ACST1635-8FP STMICROELECTRONICS-ACST1635-8FP Datasheet
138Kb / 13P
Characteristics
12-Sep-2012
logo
Yea Shin Technology Co....
YSULCXX04P10 YEASHIN-YSULCXX04P10 Datasheet
1Mb / 4P
DEVICE CHARACTERISTICS
logo
New Jersey Semi-Conduct...
OA126 NJSEMI-OA126 Datasheet
108Kb / 2P
Characteristics
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com