| Electronic Components Datasheet Search |
|
PSD05C Datasheet(PDF) 4 Page - Protek Devices |
|
|
|||||||||||||||||||||||||||||
PSD05C Datasheet(HTML) 4 Page - Protek Devices |
|
4 / 4 page ![]() 4 www.protekdevices.com 05118.R9 3/06 PSD03 thru PSD36C PACKAGE OUTLINE & DIMENSIONS Outline & Dimensions: Rev 2 - 9/05, 06010 TAPE & REEL ORDERING NOMENCLATURE 1. Surface mount product is taped and reeled in accordance with EIA-481. 2. Suffix -T7 = 7 Inch Reel - 3,000 pieces per 8mm tape, i.e., PSD05C-T7. 3. Suffix - LF = Lead-Free, Pure-Tin Plating,i.e., PSD05C-LF-T7. A B C D E F H 1.60 1.15 2.39 0.92 0.25 0.10 - 1.90 1.45 2.70 1.10 0.40 0.20 0.10 0.063 0.045 0.094 0.033 0.010 0.004 - 0.075 0.057 0.106 0.043 0.016 0.008 0.004 DIM MIN MAX MIN MAX MILLIMETERS INCHES PACKAGE DIMENSIONS NOTES 1. Controlling Dimensions in Millimeters. 2. Dimensions are exclusive of mold flash and metal burrs. PACKAGE OUTLINE SOD-323 PACKAGE MOUNTING PAD 0.118 (3.00mm) 0.031 (0.80mm) 0.031 (0.80mm) C A E B F D H Top cover tape K0 t D P0 P2 10 Pitches Cumulative Tolerance on Tape. ± 0.2 A0 B0 P E F W User Direction of Feed Pin 1 Indicated by Band Note: Cathode Band for Unidirectional Parts Only Tape & Reel Specifications (Dimensions in millimeters) DE P0 tmax FP2 W 1.50 ± 0.10 1.75 ± 0.10 3.50 ± 0.05 8.00 ±0.30 4.00 ±0.10 2.00 ±0.05 P 4.00 ±0.10 0.25 A0 B0 K0 Reel Dia. Tape Width 178mm (7”) 8mm 1.55 ± 0.10 2.90 ± 0.10 1.35 ± 0.10 COPYRIGHT © ProTek Devices 2005 SPECIFICATIONS: ProTek reserves the right to change the electrical and or mechanical characteristics described herein without notice (except JEDEC). DESIGN CHANGES: ProTek reserves the right to discontinue product lines without notice, and that the final judgement concerning selection and specifications is the buyer’s and that in furnishing engineering and technical assistance, ProTek assumes no responsibility with respect to the selection or specifications of such products. ProTek Devices 2929 South Fair Lane, Tempe, AZ 85282 Tel: 602-431-8101 Fax: 602-431-2288 E-Mail: sales@protekdevices.com Web Site: www.protekdevices.com |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |