Electronic Components Datasheet Search
  English  ▼

X  

CP030 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # CP030
Description  Current Probes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

CP030 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  CP030 Datasheet HTML 1Page - Teledyne Technologies Incorporated CP030 Datasheet HTML 2Page - Teledyne Technologies Incorporated CP030 Datasheet HTML 3Page - Teledyne Technologies Incorporated CP030 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
0
5
10
15
20
25
30
35
Frequency (Hz)
Current
(Arms)
Frequency (Hz)
0.001
0.01
0.1
1
10
0
5
10
15
20
25
30
35
Frequency (Hz)
0.001
0.01
0.1
1
10
Frequency (Hz)
20
0
40
60
80
100
120
140
160
Frequency (Hz)
0.001
0.01
0.1
1
Frequency (Hz)
0
50
100
150
200
250
300
350
400
450
500
550
Frequency (Hz)
10
100
1 k
10 k
100 k
1 M
10 M
0.001
0.010
0.100
Frequency (Hz)
Insertion
Impedance
Insertion
Impedance
Insertion
Impedance
Insertion
Impedance
Current
(Arms)
Current
(Arms)
Current
(Arms)
0
5
10
15
20
25
30
35
Frequency (Hz)
Current
(Arms)
Frequency (Hz)
0.001
0.01
0.1
1
10
0
5
10
15
20
25
30
35
Frequency (Hz)
0.001
0.01
0.1
1
10
Frequency (Hz)
20
0
40
60
80
100
120
140
160
Frequency (Hz)
0.001
0.01
0.1
1
Frequency (Hz)
0
50
100
150
200
250
300
350
400
450
500
550
Frequency (Hz)
10
100
1 k
10 k
100 k
1 M
10 M
0.001
0.010
0.100
Frequency (Hz)
Insertion
Impedance
Insertion
Impedance
Insertion
Impedance
Insertion
Impedance
Current
(Arms)
Current
(Arms)
Current
(Arms)
0
5
10
15
20
25
30
35
Frequency (Hz)
Current
(Arms)
Frequency (Hz)
0.001
0.01
0.1
1
10
0
5
10
15
20
25
30
35
Frequency (Hz)
0.001
0.01
0.1
1
10
Frequency (Hz)
20
0
40
60
80
100
120
140
160
Frequency (Hz)
0.001
0.01
0.1
1
Frequency (Hz)
0
50
100
150
200
250
300
350
400
450
500
550
Frequency (Hz)
10
100
1 k
10 k
100 k
1 M
10 M
0.001
0.010
0.100
Frequency (Hz)
Insertion
Impedance
Insertion
Impedance
Insertion
Impedance
Insertion
Impedance
Current
(Arms)
Current
(Arms)
Current
(Arms)
0
5
10
15
20
25
30
35
Frequency (Hz)
Current
(Arms)
Frequency (Hz)
0.001
0.01
0.1
1
10
0
5
10
15
20
25
30
35
Frequency (Hz)
0.001
0.01
0.1
1
10
Frequency (Hz)
20
0
40
60
80
100
120
140
160
Frequency (Hz)
0.001
0.01
0.1
1
Frequency (Hz)
0
50
100
150
200
250
300
350
400
450
500
550
Frequency (Hz)
10
100
1 k
10 k
100 k
1 M
10 M
0.001
0.010
0.100
Frequency (Hz)
Insertion
Impedance
Insertion
Impedance
Insertion
Impedance
Insertion
Impedance
Current
(Arms)
Current
(Arms)
Current
(Arms)
Maximum Input Current vs. Frequency
Insertion Impedance vs. Frequency
(typical)
CP031/ CP031A
CP030 / CP030A
Maximum Input Current vs. Frequency
Insertion Impedance vs. Frequency
(typical)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com