Electronic Components Datasheet Search
  English  ▼

X  

DWM3000TR13 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # DWM3000TR13
Description  Fully integrated UWB transceiver module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

DWM3000TR13 Datasheet(HTML) 1 Page - Qorvo, Inc

  DWM3000TR13 Datasheet HTML 1Page - Qorvo, Inc DWM3000TR13 Datasheet HTML 2Page - Qorvo, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DWM3000
Fully integrated UWB transceiver module
DWM3000 Product Brief Rev. A, April 2021
Subject to change without notice | All rights reserved
1 of 2
www.qorvo.com
®
Product Overview
The Qorvo® DWM3000 is a fully integrated Ultra-Wideband
(UWB) transceiver module based on the Qorvo® DW3110 IC.
It integrates antenna, all RF circuitry, power management and
clock circuitry in one module simplifying integration. It can be
used in 2-way ranging or TDoA location systems to locate assets
to a precision of 10 cm and supports data rates of up to
6.8 Mbps.
The DWM3000 is designed to be compliant to the FiRa
™ PHY
and MAC specifications enabling interoperability with other
FiRa
™ compliant devices.
Functional Block Diagram
R
xtal
DC-DC
Ceramic
UWB
antenna
9
10
11
12
13
14
15
16
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
DW3110
VDD1
VDD2
VDD3
EXTON
EXTON
WAKEUP
RSTn
GPIO7
VDD1
VDD3V3
VDD3V3
VSS
VSS
VSS
IRQ
VSS
SPICLK
SPIMISO
SPIMOSI
SPICSn
Top View
24 Pin 23x13 mm side castellated package
Key Features
• IEEE 802.15.4-2015 and IEEE 802.15.4z BPRF compliant
• Fully aligned with FiRa™ PHY, MAC and certification
development
• Supports UWB Channels 5 (6.5 GHz) and 9 (8 GHz)
• Programmable transmitter output power
• Fully coherent receiver for maximum range and accuracy
• Designed to comply with FCC & ETSI UWB spectral masks
• Supply voltage VDD3V3: 2.5 V – 3.6 V
VDD1: 1.62 V
– 3.6 V
• Low power consumption
• Data rates of 850 kbps, 6.8 Mbps
• Maximum packet length of 1023 bytes for high data
throughput applications
• Integrated MAC support features
• SPI interface to host processor
• Pin and pitch compatible with the DWM1000
Applications
• Precision real time location systems (RTLS) using two-way
ranging or TDoA schemes in a variety of markets
• Location aware wireless sensor networks (WSNs)
Ordering Information
Part Number
Description
DWM3000SB
5 pcs bag
DWM3000SQ
25 pcs bag
DWM3000SR
100 pcs on a 7
’’ reel
DWM3000TR13
500 pcs on a 13’’ reel
DWM3000EVB
Evaluation board


Similar Part No. - DWM3000TR13

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DWM3000 ETC1-DWM3000 Datasheet
927Kb / 24P
IEEE 802.15.4-z UWB Transceiver Module
More results

Similar Description - DWM3000TR13

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UAA3545 PHILIPS-UAA3545 Datasheet
116Kb / 28P
Fully integrated DECT transceiver
2001 Sep 06
logo
List of Unclassifed Man...
IBM31T1100 ETC-IBM31T1100 Datasheet
89Kb / 8P
Integrated Infrared Transceiver Module
logo
ATMEL Corporation
AT86RF212B ATMEL-AT86RF212B_14 Datasheet
2Mb / 212P
Fully integrated 769 ??935MHz transceiver including
logo
STMicroelectronics
L6362 STMICROELECTRONICS-L6362 Datasheet
197Kb / 4P
Fully integrated device transceiver IC
23-Jul-2009
logo
Semtech Corporation
SX1238IMLTRT SEMTECH-SX1238IMLTRT Datasheet
1Mb / 91P
Fully Integrated Transceiver with 27dBm TX Power
logo
List of Unclassifed Man...
DW1000 ETC2-DW1000 Datasheet
1Mb / 49P
IEEE802.15.4-2011 UWB Transceiver
DWM1000 ETC2-DWM1000 Datasheet
1Mb / 29P
IEEE 802.15.4-2011 UWB Transceiver Module
logo
Silicon Laboratories
ZM5202 SILABS-ZM5202 Datasheet
1Mb / 42P
FULLY INTEGRATED Z-WAVE짰 WIRELESS MODULE
logo
List of Unclassifed Man...
DWM3000 ETC1-DWM3000 Datasheet
927Kb / 24P
IEEE 802.15.4-z UWB Transceiver Module
logo
Qorvo, Inc
DWM1000 QORVO-DWM1000 Datasheet
1Mb / 33P
IEEE 802.15.4-2011 UWB Transceiver Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com