Electronic Components Datasheet Search
  English  ▼

X  

WR11 Datasheet(PDF) 3 Page - Digi International Inc.

Part # WR11
Description  Secure 3G/4G LTE cellular router for retail, kiosk and industrial control applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGI [Digi International Inc.]
Direct Link  https://www.digi.com/
Logo DIGI - Digi International Inc.

WR11 Datasheet(HTML) 3 Page - Digi International Inc.

  WR11 Datasheet HTML 1Page - Digi International Inc. WR11 Datasheet HTML 2Page - Digi International Inc. WR11 Datasheet HTML 3Page - Digi International Inc. WR11 Datasheet HTML 4Page - Digi International Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SPECIFICATIONS
WWW.DIGI.COM
ENTERPRISE SOFTWARE
CAPABILITIES
– Centralized management of remote devices over 3G/4G LTE
– Define standard configurations and automatically monitor individual devices
for PCI security compliance
– Report and alert on performance statistics, including connection history,
signal quality, latency, data usage and packet loss
– No servers or applications to operate and maintain
– Complete tasks for your entire device network in minutes
– Edit configurations and update firmware for your individual devices or groups
– Monitor the status and location of your remote device via a web browser
– Active or deactivate cellular lines and monitor data to ensure you never
incur overage charges
SECURITY
– Certified SSAE-16 facilities
– Member of the Cloud Security Alliance
– Over 175 Security Controls in place to protect your data
– Enables compliance with security frameworks like PCI, HIPAA, NIST and more
– Earned SkyHigh’s Cloud Trust Program highest ranking of Enterprise-Ready
Enterprise Software
PROTOCOL SUPPORT
HTTP, HTTPS, FTP, SFTP, SSL, SMTP, SNMP (v1/v2c/v3), SSH, Telnet and CLI for web management;remote management via Digi Remote
Manager; SMS management, protocol analyzer, ability to capture PCAP for use with Wireshark;DynDNS; Dynamic DNS client compatible
with BIND9/No-IP/DynDNS
SECURITY/VPN
IP filtering, Stateful inspection firewall with scripting, address and port translation; VPN: IPSec with IKEv1, IKEv2, NAT Traversal;
SSL, SSLv2, SSLv3, FIPS 197, Open VPN client and server; PPTP, L2TP; (5) VPN Tunnels (upgradable to a maximum of 50); Cryptology:
SHA-1, MD5, RSA; Encryption: DES, 3DES and AES up to 256-bit (CBC mode for IPsec); Authentication: RADIUS, TACACS+, SCEP for X.509;
certificates; Content Filtering
(via 3rd party); MAC Address Filtering; VLAN support
ROUTING/FAILOVER
IP pass-through; NAT, NAPT with IP Port Forwarding; Ethernet Bridging; GRE; Multicast Routing;Routing Protocols: PPP, PPPoE, RIP (v1,
v2) OSPF, SRI, BGP, iGMP routing (multicast); RSTP (Rapid Spanning Tree Protocol); IP Failover: VRRP, VRRP+TM; Automatic failover/
failback to second GSM network/Standby APN
OTHER PROTOCOLS
DHCP; Dynamic DNS client compatible with BIND9/No-IP/DynDNS; QoS via TOS/DSCP/WRED
PART NUMBERS
DIGI TRANSPORT WR11
WR11-U900-DE1-SW
Digi TransPort WR11 - HSPA+ Global, Single Ethernet
WR11-L600-DE1-SU
Digi TransPort WR11 - 4G LTE North America, Single Ethernet
WR11-L700-DE1-SW
Digi TransPort WR11 - 4G LTE EMEA/APAC, Single Ethernet
WR11-L800-DE1-SU
Digi TransPort WR11 - 4G LTE Verizon, Single Ethernet
DIGI REMOTE MANAGER®
INFRASTRUCTURE
– Hosted in a commercial-grade SAS 70-certified environment
– Superior availability, operating to 99.9% or greater
– Open APIs available to support application development
DESCRIPTION



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com