Electronic Components Datasheet Search
  English  ▼

X  

TAC2 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # TAC2
Description  OUTLINE FOR TAC FUSELINKS ( 2 - 32 AMP )
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

TAC2 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  TAC2 Datasheet HTML 1Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
139.0
106.4
CL
CL
22.2
CL
7.5
124.0
CL
ITEM No. TAC--
NOTE :
FOR TAG ALIGNMENT TOLERANCE REF SPEC. 5782504.
•
SL . No
ITEM No
1
TAC2
2
TAC4
3
TAC6
4
TAC10
5
TAC16
6
TAC20
7
TAC25
8
TAC32
COOPER Bussmann (UK) Ltd
Burton-on-the-Wolds,Leics, LE12 5TH
Tel +44 1509 882 600 Fax +44 1509 882786
DRAWN BY:
DWG NO:
SHEET:
DATE:
FINISH:
MATERIAL:
UNLESS OTHERWISE SPECIFIED, ALL DIMENSIONS
ARE IN MILLIMETERS.
SIZE:
TITLE:
REV:
TOLERANCES UNLESS
OTHERWISE SPECIFIED:
1000001975
A
OUTLINE FOR 'TAC'
FUSELINKS ( 2 - 32 AMP )
VARIOUS
A3
1 OF 1
20/06/2012
CHECKED BY:
NONE
RAG
JM
MASS:
76.39g
GENERAL
ANGULAR
0.4mm
1
B17258
20/06/2012
RAG
CONVERSION OF GE LV FUSE DRAWINGS TO SOLIDWORKS
A
DATE
CHANGE NO.
BY
DESCRIPTION
REV
REVISION
THIS DRAWING IS
CONFIDENTIAL AND THE
COPYRIGHT OF COOPER
BUSSMANN AND MUST
NOT BE COPIED OR
PASSED ON TO A THIRD
PARTY WITHOUT
WRITTEN CONSENT
VOLUME:
SURFACE AREA:
27137.25mm³
VARIOUSmm²
UNCONTROLLED
COPY
SCALE:
NTS
THIRD
ANGLE:


Similar Part No. - TAC2

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
TAC224K035P01-F CDE-TAC224K035P01-F Datasheet
233Kb / 4P
Molded, Axial Lead, Solid Tantalum Capacitors
TAC224K050P01-F CDE-TAC224K050P01-F Datasheet
233Kb / 4P
Molded, Axial Lead, Solid Tantalum Capacitors
TAC225J006P01 CDE-TAC225J006P01 Datasheet
196Kb / 4P
Molded, Axial Leaded Solid Tantalum Capacitors
TAC225J006P02 CDE-TAC225J006P02 Datasheet
196Kb / 4P
Molded, Axial Leaded Solid Tantalum Capacitors
TAC225J006P05 CDE-TAC225J006P05 Datasheet
196Kb / 4P
Molded, Axial Leaded Solid Tantalum Capacitors
More results

Similar Description - TAC2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7746 TI-PT7746 Datasheet
160Kb / 2P
32 AMP ?쏞URRENT BOOSTER??FOR PT7770 SERIES
PT7740 TI1-PT7740 Datasheet
146Kb / 2P
32 Amp ?쏞urrent Booster??for PT7778 Regulator
logo
List of Unclassifed Man...
C7D0123S ETC2-C7D0123S Datasheet
81Kb / 2P
2 1/32 DIAMETER 1.0 AMP 28 VDC
logo
Innovative Power Produc...
IPP-1025 IPP-IPP-1025 Datasheet
64Kb / 1P
OUTLINE 2 WAY
IPP-1092 IPP-IPP-1092 Datasheet
76Kb / 1P
OUTLINE 2 WAY
IPP-1099 IPP-IPP-1099 Datasheet
68Kb / 1P
OUTLINE 2 WAY
IPP-1100 IPP-IPP-1100 Datasheet
65Kb / 1P
OUTLINE 2 WAY
IPP-1104 IPP-IPP-1104 Datasheet
74Kb / 1P
OUTLINE 2 WAY
IPP-1132 IPP-IPP-1132 Datasheet
54Kb / 1P
OUTLINE 2 WAY
IPP-1208 IPP-IPP-1208 Datasheet
64Kb / 1P
OUTLINE 2-WAY
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com