Electronic Components Datasheet Search
  English  ▼

X  

DP8303AN Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8303AN
Description  8-Bit TRI-STATE-R Bidirectional Transceiver (Inverting)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8303AN Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DP8303AN Datasheet HTML 1Page - National Semiconductor (TI) DP8303AN Datasheet HTML 2Page - National Semiconductor (TI) DP8303AN Datasheet HTML 3Page - National Semiconductor (TI) DP8303AN Datasheet HTML 4Page - National Semiconductor (TI) DP8303AN Datasheet HTML 5Page - National Semiconductor (TI) DP8303AN Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
7V
Input Voltage
55V
Output Voltage
55V
Maximum Power Dissipation at 25 C
Cavity Package
1667 mW
Molded Package
1832 mW
Derate cavity package 111 mW C above 25 C derate molded package
147 mW C
Storage Temperature
b
65 Cto a150 C
Lead Temperature (soldering 4 seconds)
260 C
Recommended Operating
Conditions
Min
Max
Units
Supply Voltage (VCC)
DP8303A
475
525
V
Temperature (TA)
DP8303A
0
70
C
DC Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
A PORT (A0 – A7)
VIH
Logical ‘‘1’’ Input Voltage
CD e VIL TR e 20V
20
V
VIL
Logical ‘‘0’’ Input Voltage
CD e VIL TR e 20V
07
V
VOH
Logical ‘‘1’’ Output Voltage
CD e TR e VIL
IOH eb04 mA
VCC b 115
VCC b 07
V
VIL e 05V
IOH eb3 mA
27
395
V
VOL
Logical ‘‘0’’ Output Voltage
CD e TR e VIL
IOL e 16 mA
035
05
V
VIL e 05V
IOL e 8 mA
03
04
V
IOS
Output Short Circuit
CD e VIL TR e VIL VO e 0V
b
10
b
38
b
75
mA
Current
VCC e Max (Note 4)
IIH
Logical ‘‘1’’ Input Current
CD e VIL TR e 20V VIH e 27V
01
80
m
A
II
Input Current at Maximum
CD e 20V VCC e Max VIH e 525V
1mA
Input Voltage
IIL
Logical ‘‘0’’ Input Current
CD e VIL TR e 20V VIN e 04V
b
70
b
200
m
A
VCLAMP
Input Clamp Voltage
CD e 20V IIN eb12 mA
b
07
b
15
V
IOD
OutputInput
CD e 20V
VIN e 04V
b
200
m
A
TRI-STATE Current
VIN e 40V
80
m
A
B PORT (B0 – B7)
VIH
Logical ‘‘1’’ Input Voltage
CD e VIL TR e VIL
20
V
VIL
Logical ‘‘0’’ Input Voltage
CD e VIL TR e VIL
07
V
VOH
Logical ‘‘1’’ Output Voltage
CD e VIL TR e 20V
IOH eb04 mA
VCC b 115
VCC b08
V
VIL e 05V
IOH eb5 mA
27
39
V
IOH eb10 mA
24
36
V
VOL
Logical ‘‘0’’ Output Voltage
CD e VIL TR e 20V
IOL e 20 mA
03
04
V
IOL e 48 mA
04
05
V
IOS
Output Short Circuit
CD e VIL TR e 20V VO e 0V
b
25
b
50
b
150
mA
Current
VCC e Max (Note 4)
IIH
Logical ‘‘1’’ Input Current
CD e VIL TR e VIL VIH e 27V
01
80
m
A
II
Input Current at Maximum
CD e 20V VCC e Max VIH e 525V
1mA
Input Voltage
IIL
Logical ‘‘0’’ Input Current
CD e VIL TR e VIL VIN e 04V
b
70
b
200
m
A
VCLAMP
Input Clamp Voltage
CD e 20V IIN eb12 mA
b
07
b
15
V
IOD
OutputInput
CD e 20V
VIN e 04V
b
200
m
A
TRI-STATE Current
VIN e 04V
a
200
m
A
http
www nationalcom
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com