Electronic Components Datasheet Search
  English  ▼

X  

DS75124 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75124
Description  Triple Line Receiver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75124 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS75124 Datasheet HTML 1Page - National Semiconductor (TI) DS75124 Datasheet HTML 2Page - National Semiconductor (TI) DS75124 Datasheet HTML 3Page - National Semiconductor (TI) DS75124 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage VCC
70V
Input Voltage
R Input with VCC Applied
70V
R Input with VCC not Applied
60V
A B or S Input
55V
Output Voltage
70V
Output Current
g
100 mA
Maximum Power Dissipation at 25 C
Molded Package
1362 mW
Operating Temperature Range
0 Cto a75 C
Storage Temperature Range
b
65 Cto a150 C
Lead Temperature (Soldering 4 seconds)
260 C
Derate molded package 109 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage VCC
475
525
V
High Level Output Current
b
800
m
A
IOH
Low Level Output Current
16
mA
IOL
Operating Temperature TA
0
a
75
C
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIH
High Level Input Voltage
A B or S
20
V
R
17
V
VIL
Low Level Input Voltage
A B or S
08
V
R
08
V
VTabVTb
Hysteresis
VCC e 50V TA e 25 C R (Note 6)
02
04
V
VI
Input Clamp Voltage
VCC e 50V II eb12 mA A B or S
b
15
V
II
Input Current at Maximum
VCC e 525V VIN e 55V A B or S
1
mA
Input Voltage
R
VI e 70V
50
mA
VI e 60V VCC e 0V
50
mA
VOH
High Level Output Voltage
VIH e VIHMIN VIL e VILMAX
26
V
IOH eb800 mA (Note 4)
VOL
Low Level Output Voltage
VIH e VIHMIN VIL e VILMAX IOL e 16 mA
04
V
(Note 4)
IIH
High Level Input Current
VI e 45V A B or S
40
m
A
VI e 311V R
170
m
A
IIL
Low Level Input Current
VI e 04V A B or S
b
01
b
16
mA
IOS
Short Circuit Output Current
VCC e 50V TA e 25 C (Note 5)
b
50
b
100
mA
ICC
Supply Current
VCC e 525V
72
mA
Switching Characteristics TA e 25 C nominal power supplies unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPLH
Propagation Delay Time Low-to-High
(See AC Test Circuit and Switching
20
30
ns
Level Output from R Input
Time Waveforms)
tPHL
Propagation Delay Time High-to-Low
(See AC Test Circuit and Switching
20
30
ns
Level Output from R Input
Time Waveforms)
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
All currents into device pins are shown as positive currents out of device pins shown as negative all voltage values are referenced with respect to network
ground terminal unless otherwise noted All values shown as max or min on absolute value basis
Note 3
Minmax limits apply across the guaranteed operating temperature range of 0 Cto a75 C for DS75124 unless otherwise specified Typicals are for VCC
e
50V TA e 25 C Positive current is defined as current into the referenced pin
Note 4
The output voltage and current limits are guaranteed for any appropriate combination of high and low inputs specified by the truth table for the desired
output
Note 5
Not more than one output should be shorted at a time
Note 6
Hysteresis is the difference between the positive going input threshold voltage VTa and the negative going input threshold voltage VTb
http
www nationalcom
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com