Electronic Components Datasheet Search
  English  ▼

X  

ES9219C Datasheet(PDF) 38 Page - ESS Technology,Inc

Part # ES9219C
Description  32-bit Stereo Low Power DAC with Headphone Amplifier, Analog Volume Control, and Output Switch
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES9219C Datasheet(HTML) 38 Page - ESS Technology,Inc

Back Button ES9219C Datasheet HTML 34Page - ESS Technology,Inc ES9219C Datasheet HTML 35Page - ESS Technology,Inc ES9219C Datasheet HTML 36Page - ESS Technology,Inc ES9219C Datasheet HTML 37Page - ESS Technology,Inc ES9219C Datasheet HTML 38Page - ESS Technology,Inc ES9219C Datasheet HTML 39Page - ESS Technology,Inc ES9219C Datasheet HTML 40Page - ESS Technology,Inc ES9219C Datasheet HTML 41Page - ESS Technology,Inc ES9219C Datasheet HTML 42Page - ESS Technology,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 67 page
background image
ES9219 Datasheet
February 27, 2020
CONFIDENTIAL ADVANCE INFORMATION 1.0.4
ESS TECHNOLOGY, INC. 237 South Hillview Drive, Milpitas, CA 95035, USA Tel (408) 643-8800 • Fax (408) 643-8801
38
Register 7: FILTER SHAPE AND SYSTEM MUTE
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:5]
[4]
[3]
[2:1]
[0]
Mnemonic
FILTER_SHAPE
RESERVED
BYPASS_OSF
RESERVED
MUTE
Bits
Mnemonic
Description
[7:5]
FILTER_SHAPE
Selects the type of filter to use during the 8x FIR interpolation phase.
3’b110: Hybrid fast roll-off
3’b000: Linear phase fast roll-off filter.
All other modes are reserved
[4]
RESERVED
NA
[3]
BYPASS_OSF
Allows the use of an external 8x upsampling filter, bypassing the internal interpolating FIR filter. Overrides the
bypass_stage1 option.
1’b0: uses the built-in oversampling filter (default)
1’b1: uses an external upsampling filter, which requires data oversampled by 8x externally
[2:1]
RESERVED
NA
[0]
MUTE
Mutes both channels of the Sabre.
1’b0: normal operation (default)
1’b1: mute both channels
Register 8: GPIO1-2 CONFIGURATION
I2C Slave Access:
I2S Sync Slave Access:
Clock Domain:
Bits
[7:4]
[3:0]
Mnemonic
GPIO2_CFG
GPIO1_CFG
Bits
Mnemonic
Description
[7:4]
GPIO2_CFG
GPIO 2 configuration bits, value 4’b0 – 4’d15
4’d13: shutdown (default)
See
GPIO Modes for all configuration options
[3:0]
GPIO1_CFG
GPIO 1 configuration bits, value 4’b0 – 4’d15
4’d13: shutdown (default)
See
GPIO Modes for all configuration options
Register 9: RESERVED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com