Electronic Components Datasheet Search
  English  ▼

X  

TL-Q5MC2 Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # TL-Q5MC2
Description  Compact Rectangular Inductive Prox
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

TL-Q5MC2 Datasheet(HTML) 4 Page - Omron Electronics LLC

  TL-Q5MC2 Datasheet HTML 1Page - Omron Electronics LLC TL-Q5MC2 Datasheet HTML 2Page - Omron Electronics LLC TL-Q5MC2 Datasheet HTML 3Page - Omron Electronics LLC TL-Q5MC2 Datasheet HTML 4Page - Omron Electronics LLC TL-Q5MC2 Datasheet HTML 5Page - Omron Electronics LLC TL-Q5MC2 Datasheet HTML 6Page - Omron Electronics LLC TL-Q5MC2 Datasheet HTML 7Page - Omron Electronics LLC TL-Q5MC2 Datasheet HTML 8Page - Omron Electronics LLC TL-Q5MC2 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TL-Q/TL-G
TL-Q/TL–G
4
DC 3-wire Models
TL-Q2
Note: Max. load current: 100 mA
Main
circuit
Load
Brown
Output
Blue
TL-G3D-3
TL-Q5MC
Load
Brown
Output
Blue
Load
Brown
Output
Blue
Sensing object
Operation indicator
Yes
No
ON
OFF
Output transistor (load)
ON
OFF
Output transistor (load)
ON
OFF
Output transistor
(load)
Black
(See Note.)
Note: Max. load current: 20 mA
Note: Max. load current: 50 mA
ON
OFF
Sensing object
Yes
No
Sensing object
Yes
No
ON
OFF
Main
circuit
Black
(See Note.)
Main
circuit
Black
(See Note.)
+V
0V
+V
0V
+V
0V
Operation indicator
Engineering Data
J OPERATING RANGE (TYPICAL)
TL-Q5M
jj (Rectangular Model)
Sensing head
TL-Q2 (Rectangular Model)
Sensing head
Standard sensing
target:
Iron (8 x 8 x 1)
Standart sensing
target:
Iron (18 x 18 x 1)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com