Electronic Components Datasheet Search
  English  ▼

X  

EMIF08-VID01C2 Datasheet(PDF) 2 Page - STMicroelectronics

Part # EMIF08-VID01C2
Description  8 line low capacitance EMI filter and ESD protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF08-VID01C2 Datasheet(HTML) 2 Page - STMicroelectronics

  EMIF08-VID01C2 Datasheet HTML 1Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 2Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 3Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 4Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 5Page - STMicroelectronics EMIF08-VID01C2 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1 Electrical characteristics (Tamb = 25°C)
EMIF08-VID01C2
2/6
Figure 1.
Basic cell configuration
1
Electrical characteristics (Tamb = 25°C)
Table 1.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
Vpp
ESD discharge IEC61000-4-2 air discharge
ESD discharge IEC61000-4-2 contact discharge
15
8
kV
KV
Tj
Maximum junction temperature
125
°C
Top
Operating temperature range
-40 to +85
°C
Tstg
Storage temperature range
-55 to +150
°C
Symbol
Parameters
VBR
Breakdown voltage
IRM
Leakage current @ VRM
VRM
Stand-off voltage
R
Series resistance between Input &
Output
Cline
Input capacitance per line
Symbol
Test conditions
Min
Typ
Max
Unit
VBR
IR = 1mA
68
10
V
IRM
VRM = 3V per line
500
nA
RI/O
I=10mA
80
100
120
Ω
Cline
VR = 3V DC, 1 MHz
16
19
pF
R
R
R
R
R
R
R
R = 100
Cline = 16 pF typ. @ 3 V
Ω
Input
Output
V
I
I
RM
V
RM
V
BR
V
I
I
RM
V
RM
V
BR



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com