Electronic Components Datasheet Search
  English  ▼

X  

375 Datasheet(PDF) 2 Page - Fluke Corporation

Part # 375
Description  Work horse clamp with increased performance and flexibility
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

375 Datasheet(HTML) 2 Page - Fluke Corporation

  375 Datasheet HTML 1Page - Fluke Corporation 375 Datasheet HTML 2Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2FlukeCorporation373True-rmsACClampMeter
Specifications
Fluke 373
Range
Max Resolution
Accuracy
ACcurrent
600A
0.1A
2%±5digits
ACvoltage
600V
0.1V
1%±5digits
DCvoltage
600V
0.1V
1%±5digits
Resistance
6000Ω
0.1Ω
1%±5digits
Capacitance
10µFto1000µF
1µF
1.9%±2digits
True-rms
•
Continuity
•
Hold
•
Backlight
•
Wirecapacity
750MCM
Safetyrating
CATIII600V,CATIV300V
Fluke Corporation
POBox9090,Everett,WA98206U.S.A.
Fluke Europe B.V.
POBox1186,5602BD
Eindhoven,TheNetherlands
For more information call:
IntheU.S.A.(800)443-5853or
Fax(425)446-5116
InEurope/M-East/Africa+31(0)402675200or
Fax+31(0)402675222
InCanada(800)-36-FLUKEor
Fax(905)890-6866
Fromothercountries+1(425)446-5500or
Fax+1(425)446-5116
Webaccess:http://www.fluke.com
©2010FlukeCorporation.
Specificationssubjecttochangewithoutnotice.
PrintedinU.S.A.7/20103834975AD-EN-N
Modification of this document is not permitted
without written permission from Fluke Corporation.
Fluke. Keeping your world
up and running.®
Ordering information
373 True-rmsACClampMeter
Included
Clampmeter,testleads,softcase,
usersmanual
Models
Feature Changes
Oldmodel:Fluke337
New model: Fluke 376
Includesall337featuresplus:
•CATIV600V,CATIII1000V
•iFlex™2500Aac
•1000Vac/dc
•mVdc
•60kΩ
•1000µF
Oldmodel:Fluke336
New model: Fluke 375
Includesall336featuresplus:
•CATIV600V,CATIII1000V
•OptionaliFlex™2500Aac
•mVdc
•60kΩ
•1000µF
•Min/Max/Avg
New model: Fluke 374
Includesall336features
(exceptlowpassfilter)plus:
•CATIV600V,CATIII1000V
•OptionaliFlex™2500Aac
•1000µF
•Min/Max/Avg
Oldmodel:Fluke335
New model: Fluke 374
Includesall335featuresplus:
•CATIV600V,CATIII1000V
•OptionaliFlex™2500Aac
•600Aac/dc
•1000µF
•Min/Max/Avg
New model: Fluke 373
Includesall335features
(exceptinrush)plus:
•CATIV300V,CATIII600V
•1000µF
Oldmodel:Fluke334
New model: Fluke 374
Includesall334featuresplus:
•CATIV600V,CATIII1000V
•OptionaliFlex™2500Aac
•True-rms
•600Aac/dc
•1000µF
•Min/Max/Avg
New model: Fluke 373
Includesall334features
(exceptinrush)plus:
•CATIV300V,CATIII600V
•True-rms
•1000µF
Oldmodel:Fluke333
New model: Fluke 373
Includesall333featuresplus:
•CATIV300V,CATIII600V
•True-rms
•600Aac
•6000Ω
•1000µF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com