Electronic Components Datasheet Search
  English  ▼

X  

7501 Datasheet(PDF) 8 Page - 3M Electronics

Part # 7501
Description  3M??Reusable Respirators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

7501 Datasheet(HTML) 8 Page - 3M Electronics

  7501 Datasheet HTML 1Page - 3M Electronics 7501 Datasheet HTML 2Page - 3M Electronics 7501 Datasheet HTML 3Page - 3M Electronics 7501 Datasheet HTML 4Page - 3M Electronics 7501 Datasheet HTML 5Page - 3M Electronics 7501 Datasheet HTML 6Page - 3M Electronics 7501 Datasheet HTML 7Page - 3M Electronics 7501 Datasheet HTML 8Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
These respirators help protect against certain airborne
contaminants.
Misuse may result in sickness or death.
For proper use, the wearer must read and understand User
Instructions provided as a part of product packaging, see supervisor, or call 3M PSD Technical Service,
1-800-243-4630. Time use limitations may apply.
Important — Before using these respirators, you must determine the following:
1. The type of contaminant(s) for which the respirator is being selected.
2. The concentration level of contaminant(s).
3. Whether the respirator can be properly fitted on the wearer’s face. All respirator instructions,
warnings and use and time limitations must also be read and understood by the wearer before use.
Before use of these respirators, a written respiratory protection program must be implemented,
meeting all the requirements of OSHA 29 CFR 1910.134, including training and fit testing.
For More Information
Personal Safety Division
3M Center, Building 235-2W-70
St. Paul, MN 55144-1000
3M, Scotchgard and Cool Flow
are trademarks of 3M Company,
used under license in Canada.
Please recycle. Printed in U.S.A.
© 2013 3M Company.
All Rights Reserved.
70-0710-9082-6
3M™ Particulate Filters and Gas/Vapor Cartridges
All 3M Particulate Filters and Gas/Vapor Cartridges can be used interchangeably
with 3M™ Reusable Respirators 6000, 6500, 7000 and FF-400 Series.
Part Number Description
2071
Particulate Filter, P95
2076HF
Particulate Filter, Hydrogen Fluoride/P95, with Nuisance Level Acid Gas Relief*
2078
Particulate Filter, P95, with Nuisance Level Organic Vapor/Acid Gas Relief*
2091
Particulate Filter, P100
2096
Particulate Filter, P100, with Nuisance Level Acid Gas Relief*
2097
Particulate Filter, P100, with Nuisance Level Organic Vapor Relief*
2291
Advanced Particulate Filter, P100
2296
Advanced Particulate Filter, P100, with Nuisance Level Acid Gas Relief*
2297
Advanced Particulate Filter, P100, with Nuisance Level Organic Vapor Relief*
7093
Particulate Filter, P100
7093B
Particulate Filter, P100, Bulk
7093C
Cartridge/Filter, Hydrogen Fluoride, P100 with Nuisance Level Organic
Vapor and Acid Gas Relief*
6001
Cartridge, Organic Vapor
6002
Cartridge, Acid Gas**
6003
Cartridge, Organic Vapor/Acid Gas**
6004
Cartridge, Ammonia/Methylamine
6005
Cartridge, Formaldehyde/Organic Vapor
6006
Cartridge, Multi Gas/Vapor**
6009
Cartridge, Mercury Vapor or Chlorine
60921
Cartridge/Filter, Organic Vapor/P100
60922
Cartridge/Filter, Acid Gas/P100**
60923
Cartridge/Filter, Organic Vapor/Acid Gas/P100**
60924
Cartridge/Filter, Ammonia/Methylamine/P100
60925
Cartridge/Filter, Formaldehyde/Organic Vapor/P100
60926
Cartridge/Filter, Multi-Gas/Vapor/P100**
60928
Cartridge/Filter, Organic Vapor/Acid Gas/P100**†
60929
Cartridge/Filter, Mercury Vapor/Chlorine Gas/P100
• Lightweight and easy to
breathe through
• Assortment of filters available
for a wide range of applications
• Easier breathing through new
3-layer advanced Electret Filter
Media in 2200 Series Filters
* 3M recommended for relief against nuisance levels of organic vapors and acid gases. Nuisance level organic vapor and acid gas refers to concentrations not exceeding OSHA PEL
or applicable government occupational exposure limits, whichever is lower. Do not use for respiratory protection against acid gases or organic vapors (except hydrogen fluoride).
* Reminder: These cartridges are approved for respiratory protection from hydrogen sulfide gas up to 10 times the permissible exposure limit (PEL) with half facepiece respirators
and full facepiece respirators when qualitatively fit tested, or up to less than 300 parts per million (ppm) with full facepiece respirators when quantitatively fit tested or
according to specific OSHA standards or applicable government regulations, whichever is lower. 300 ppm is the concentration considered Immediately Dangerous to Life or
Health (IDLH) for hydrogen sulfide.
†
As recommended by the California Department of Pesticide Regulation No. 01-009-Methyl Bromide Field Fumigation. 3M recommended for use against radioiodine and
methylbromide. Note: not NIOSH approved for methylbromide or radioiodine.
3M™ Particulate Filter 7093, P100
• Unique, spring-loaded filter cover design
simplifies negative pressure user seal checks
• Swept-back design provides enhanced field
of view and greater comfort
• 7093C offers a lightweight, low profile design
that combines P100 filtration with carbon-loaded
features found in heavier combination cartridge products
3M™ Combination Cartridges/P100 Particulate Filters 6000 Series
3M™ Gas/Vapor Cartridges 6000 Series
• Low-profile design helps
maintain good field of vision
• Full range of cartridges to meet
your needs
• Particulate filter is permanently
attached to cartridge for easy,
one-step assembly
• Unique design for enhanced
comfort and visibility
3M™ Particulate Filters 2000 Series
Technical Service
1-800-243-4630
Technical Service
1-800-267-4414
Technical Service
1-800-3M-HELPS
Customer Service
1-800-328-1667
3M Canada Customer Care
1-800-364-3577
Internet
www.3M.com/PPESafety
Internet
www.3M.ca/safety
In the United States, contact:
In Canada, contact:
For other 3M products:
*



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com