Electronic Components Datasheet Search
  English  ▼

X  

STL160N4F7 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STL160N4F7
Description  Electronic speed controller reference design for drones
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STL160N4F7 Datasheet(HTML) 1 Page - STMicroelectronics

  STL160N4F7 Datasheet HTML 1Page - STMicroelectronics STL160N4F7 Datasheet HTML 2Page - STMicroelectronics STL160N4F7 Datasheet HTML 3Page - STMicroelectronics STL160N4F7 Datasheet HTML 4Page - STMicroelectronics STL160N4F7 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
•
Complete reference design for electronic speed controller implementing a
sensorless FOC algorithm
•
Designed for drones with 6S pack of LiPo batteries or systems with an
equivalent suitable DC supply
•
ESC ready for communication with any standard flight control unit (FCU): PWM
or CAN
•
Temperature overheating protection
•
Nominal operating voltage range: 3S-6S Li-Po battery DC voltage level (11.1 to
22.2 V)
•
Maximum RMS output current: 20 Arms
•
Output peak current: 30 A
•
Battery eliminator circuit (BEC): 5 V/0.5 A for external receiver or FCU
•
Complete pre-configured firmware package available (STSW-ESC001V1)
•
Supported by ST motor control software SDK and ST motor profiler
•
Compact PCB design: 29.1 x 58 mm
•
Further target applications:
–
motor driving for RC vehicles: electric cars, helicopter, trucks, etc.
–
any three-phase BLDC or PMSM motor application
•
RoHS and WEEE compliant
Description
The STEVAL-ESC001V1 reference design for electronic speed controllers (ESC) for
drones fits entry-level commercial drone designs and drives any three-phase
brushless (or PMSM) motor running off 6S LiPo battery packs, or any equivalent DC
supply, up to 30 A peak current.
The STEVAL-ESC001V1 lets you spin a motor and its propeller in minutes thanks to
a complete pre-configured firmware package (STSW-ESC001V1), implementing a
sensorless Field Oriented Controlled algorithm with 3-shunt current reading, speed
control and full active braking.
The reference design board can accept commands from a flight control unit through
PWM signals; other communication bus interfaces like UART, CAN, and I²C are also
available. The reference embeds a battery eliminator circuit working at 5 V, an NTC
sensor for temperature measurement and circuitry for overcurrent / overvoltage
protection (OCP/OVP). The compact form factor and current capability render this
reference design suitable for electronic speed controllers on small and light
unmanned aerial vehicles like professional drones.
The STSW-ESC001V1 firmware/software package plus STM32 PMSM FOC software
development kit - MC library let you refine your electronic speed controller design by
acting on the field oriented control parameters embedded in the STM32 and
experiment with the ST motor profiler to rapidly retrieve the motor parameters. The
ST sensorless FOC algorithm ensures longer flight times and optimal dynamic
performance.
The STEVAL-ESC001V1 has been designed around the highly efficient, low Rdson
STripFET F7 power MOSFETs, the high-performance STM32F303CBT7
microcontroller with ARM® Cortex®-M4 core and the L6398 drivers.
Product summary
Electronic speed
controller reference
design for drones
STEVAL-
ESC001V1
Sensorless FOC
reference design
firmware for
STEVAL-ESC001V1
STSW-ESC001V1
ARM Cortex-M4
core mainstream
mixed signals MCUs
with DSP and FPU
STM32F303CBT7
N-channel 40 V, 2.1
mOhm typ., 120 A
STripFET F7 Power
MOSFET
STL160N4F7
Electronic speed controller reference design for drones
STEVAL-ESC001V1
Data brief
DB3230 - Rev 3 - November 2018
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STL160N4F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL160N4F7 STMICROELECTRONICS-STL160N4F7 Datasheet
861Kb / 18P
N-channel 40 V, 2.1 mΩ typ., 120 A STripFET F7 Power MOSFET in a PowerFLAT 5x6 package
20-Nov-2019
More results

Similar Description - STL160N4F7

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CRD42528 CIRRUS-CRD42528 Datasheet
1Mb / 50P
Reference Design for the
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
Reference Design
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
DTV Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
REFERENCE DESIGN
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
Reference Design Kit
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
Complete Reference Design
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
Tiny Reference Design
01/02/08
logo
STMicroelectronics
STEVAL-FCU001V1 STMICROELECTRONICS-STEVAL-FCU001V1 Datasheet
1Mb / 6P
Flight controller unit evaluation board for toy drones
Rev 2 - January 2019
B-G431B-ESC1 STMICROELECTRONICS-B-G431B-ESC1 Datasheet
3Mb / 6P
Electronic speed controller Discovery kit for drones with STM32G431CB
Rev 1 - April 2019
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
UNMANAGED REFERENCE DESIGN
06/10/10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com