Electronic Components Datasheet Search
  English  ▼

X  

STC4054 Datasheet(PDF) 2 Page - STMicroelectronics

Part # STC4054
Description  Flight controller unit evaluation board for toy drones
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STC4054 Datasheet(HTML) 2 Page - STMicroelectronics

  STC4054 Datasheet HTML 1Page - STMicroelectronics STC4054 Datasheet HTML 2Page - STMicroelectronics STC4054 Datasheet HTML 3Page - STMicroelectronics STC4054 Datasheet HTML 4Page - STMicroelectronics STC4054 Datasheet HTML 5Page - STMicroelectronics STC4054 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
1
Schematic diagrams
Figure 1. STEVAL-FCU001V1 – block diagram
32-bit MCU
A + G IMU
SPI1
Magnetometer
Power MOS x4
TIM4
PWM out
Remocon RX*
TIM2 input
capture
Pressure Sensor
SPI2
STM32F401
LSM6DSL
LPS22HD
Battery charger
Micro
USB
LIS2MDL
I2C
connector
4 x
DC
motor
ESC x 4
4 x 3-ph
motor
LiPo 1-cell
battery
BLE module
PWM
I2C2
SPBTLE-RF
UART
connector
UART1
JTAG
JTAG
connector
USB
STC4054
LDO
3V3
LD39015
P7
P3
P6
P1, P2,
P4, P5
P1, P2,
P4, P5
P8
BT1
CN1
STL6N3LLH6
Figure 2. STEVAL-FCU001V1 – circuit schematic (1 of 4)
SPBTLE-RF
S1_CLK
S1_MISO
S1_MOSI
BLE_RSTN
BLE_IRQ
BLE_CS
VDD
R1
47k
SMD 0805
ANT.
U1
SPBTLE-RF
EXT_LPCLK
1
NC1
2
NC2
3
SPI_IRQ
4
VIN
5
SPI_CLK
7
SPI_MISO
8
SPI_MOSI
9
SPI_CS
10
RESETN
11
C1
1µF
16V
SMD 0402
CLK
MISO
MOSI
RST
CSN
IRQ
STEVAL-FCU001V1
Schematic diagrams
DB3394 - Rev 2
page 2/6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com