Electronic Components Datasheet Search
  English  ▼

X  

LSM303AGR Datasheet(PDF) 5 Page - STMicroelectronics

Part # LSM303AGR
Description  SensorTile development kit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LSM303AGR Datasheet(HTML) 5 Page - STMicroelectronics

  LSM303AGR Datasheet HTML 1Page - STMicroelectronics LSM303AGR Datasheet HTML 2Page - STMicroelectronics LSM303AGR Datasheet HTML 3Page - STMicroelectronics LSM303AGR Datasheet HTML 4Page - STMicroelectronics LSM303AGR Datasheet HTML 5Page - STMicroelectronics LSM303AGR Datasheet HTML 6Page - STMicroelectronics LSM303AGR Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Figure 4. STLCX01V1 board photo
STLCX01V1 SensorTile component board features
•
Sensortile Cradle expansion board with SensorTile plug connector
•
Compatible with STM32 Nucleo boards through Arduino UNO R3 connector
•
LDK120M-R – 200 mA low quiescent current very low noise LDO
•
ST2378ETTR – 8-bit dual supply 1.71 to 5.5 V level translator
•
USBLC6-2P6 – very low capacitance ESD protection
•
16-Bit, low-power stereo audio DAC
•
Micro-USB connector for power supply and communication
•
Reset button
•
SWD connector for programming and debugging
STEVAL-STLKT01V1
Boards included in the kit
DB2956 - Rev 8
page 5/7



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com