| Electronic Components Datasheet Search |
|
2296 Datasheet(PDF) 4 Page - 3M Electronics |
|
|
|||||||||||||||||||||||||||||
2296 Datasheet(HTML) 4 Page - 3M Electronics |
|
4 / 8 page ![]() 4 Soft Seal Design • Advanced silicone material provides a softer feel on the face • Unique adjustment design helps reduce tension and pressure points on the face for unsurpassed comfort Adjustable Head Harness Assembly • Optimum fit and comfort with three- size adjustable head cradle • Long-lasting polyester/spandex straps 3M™ Bayonet Connection • Compatible with all 3M™ bayonet-style cartridges and filters Quick Latch Drop-Down Mechanism* • Easy on and off as you move in and out of contaminated areas • No need to remove your hard hat or faceshield when lowering or raising your respirator *Available on models 6501QL, 6502QL and 6503QL. Valve Cover Design • Directs exhaled breath and moisture downward • Easy positive pressure seal check Silicone Faceseal • Provides comfort and stability with a soft but firm faceseal • Extended product life due to resilient silicone material • Our lightest silicone facepiece • Keeps its shape in high-heat environments Cool Flow™ Valve • Enhanced comfort by reducing heat and moisture • Easier breathing with unique valve design Cool Flow™ Valve • Valve design helps make breathing easier • Helps reduce heat and moisture buildup for cool, dry comfort Unique Exhalation Valve Cover • Directs exhaled breath and moisture downward • Smooth surface allows for quick and easy cleaning • Helps reduce debris from depositing in valve area 3M™ Rugged Comfort Half Facepiece Reusable Respirator 6500 Series Rugged comfort, durability, and slim profile design Adjustable Head Cradle • Allows wearer to adjust for optimum fit and comfort Dual-mode Head Harness • Adjusts easily so user has the option of wearing respirator in either traditional or drop-down mode 3M™ Half Facepiece Reusable Respirator 7500 Series Easy breathing, comfort and durability 6501QL (Small) 6502QL (Medium) 6503QL (Large) 7501 (Small) 7502 (Medium) 7503 (Large) 6501 (Small) 6502 (Medium) 6503 (Large) |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |