Electronic Components Datasheet Search
  English  ▼

X  

STM32G070CB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STM32G070CB
Description  Arm® Cortex®-M0 32-bit MCU, 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32G070CB Datasheet(HTML) 1 Page - STMicroelectronics

  STM32G070CB Datasheet HTML 1Page - STMicroelectronics STM32G070CB Datasheet HTML 2Page - STMicroelectronics STM32G070CB Datasheet HTML 3Page - STMicroelectronics STM32G070CB Datasheet HTML 4Page - STMicroelectronics STM32G070CB Datasheet HTML 5Page - STMicroelectronics STM32G070CB Datasheet HTML 6Page - STMicroelectronics STM32G070CB Datasheet HTML 7Page - STMicroelectronics STM32G070CB Datasheet HTML 8Page - STMicroelectronics STM32G070CB Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 93 page
background image
This is information on a product in full production.
March 2020
DS12766 Rev 2
1/93
STM32G070CB/KB/RB
Arm® Cortex®-M0+ 32-bit MCU, 128 KB Flash, 36 KB RAM,
4x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
Datasheet
- production data
Features
 Core: Arm® 32-bit Cortex®-M0+ CPU,
frequency up to 64 MHz
 -40°C to 85°C operating temperature
 Memories
– 128 Kbytes of Flash memory with
protection
– 36 Kbytes of SRAM (32 Kbytes with HW
parity check)
 CRC calculation unit
 Reset and power management
– Voltage range: 2.0 V to 3.6 V
– Power-on/Power-down reset (POR/PDR)
– Low-power modes:
Sleep, Stop, Standby
–VBAT supply for RTC and backup registers
 Clock management
– 4 to 48 MHz crystal oscillator
– 32 kHz crystal oscillator with calibration
– Internal 16 MHz RC with PLL option
– Internal 32 kHz RC oscillator (±5 %)
 Up to 59 fast I/Os
– All mappable on external interrupt vectors
– Multiple 5 V-tolerant I/Os
 7-channel DMA controller with flexible mapping
 12-bit, 0.4 µs ADC (up to 16 ext. channels)
– Up to 16-bit with hardware oversampling
– Conversion range: 0 to 3.6V
 11 timers: 16-bit for advanced motor control,
five 16-bit general-purpose, two basic 16-bit,
two watchdogs, SysTick timer
 Calendar RTC with alarm and periodic wakeup
from Stop/Standby
 Communication interfaces
–Two I2C-bus interfaces supporting Fast-
mode Plus (1 Mbit/s) with extra current
sink, one supporting SMBus/PMBus and
wakeup from Stop mode
– Four USARTs with master/slave
synchronous SPI; two supporting ISO7816
interface, LIN, IrDA capability, auto baud
rate detection and wakeup feature
– Two SPIs (32 Mbit/s) with 4- to 16-bit
programmable bitframe, one multiplexed
with I2S interface
 Development support: serial wire debug (SWD)
 All packages ECOPACK 2 compliant
LQFP64 10 × 10 mm
LQFP48 7 × 7mm
LQFP32 7 × 7mm
www.st.com


Similar Part No. - STM32G070CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32G070RBT6 STMICROELECTRONICS-STM32G070RBT6 Datasheet
1Mb / 7P
STM32 Nucleo-64 boards
25-Oct-2020
STM32G070RBT6 STMICROELECTRONICS-STM32G070RBT6 Datasheet
437Kb / 9P
STM32 Nucleo-64 boards
20-Feb-2023
More results

Similar Description - STM32G070CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STM32G071C8 STMICROELECTRONICS-STM32G071C8 Datasheet
2Mb / 133P
Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
March 2020 Rev 3
STM32G071C8 STMICROELECTRONICS-STM32G071C8_V01 Datasheet
2Mb / 133P
Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
March 2020 Rev 3
STM32G071X8 STMICROELECTRONICS-STM32G071X8 Datasheet
1Mb / 133P
Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
Rev 3
STM32G071X8 STMICROELECTRONICS-STM32G071X8_V01 Datasheet
2Mb / 135P
Arm® Cortex®-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM, 4x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
23-Sep-2021
STM32G030X6 STMICROELECTRONICS-STM32G030X6 Datasheet
1Mb / 94P
Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 8 KB RAM, 2x USART, timers, ADC, comm. I/Fs, 2.0-3.6V
January 2022
STM32G0B1XB STMICROELECTRONICS-STM32G0B1XB Datasheet
2Mb / 159P
Arm® Cortex®-M0 32-bit MCU, up to 512KB Flash, 144KB RAM, 6x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
30-Nov-2021
STM32G081XB STMICROELECTRONICS-STM32G081XB Datasheet
2Mb / 136P
Arm® Cortex®-M0 32-bit MCU, 128 KB Flash, 36 KB RAM,4x USART, timers, ADC, DAC, comm. I/Fs, AES, RNG, 1.7-3.6V
23-Sep-2021
STM32G051X6 STMICROELECTRONICS-STM32G051X6 Datasheet
1Mb / 126P
Arm® Cortex®-M0 32-bit MCU, up to 64 KB Flash, 18 KB RAM,2x USART, timers, ADC, DAC, comm. I/Fs, 1.7-3.6V
25-Nov-2021
STM32C031X4 STMICROELECTRONICS-STM32C031X4 Datasheet
2Mb / 108P
Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 12 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
Rev 3 December 2022
STM32C011X4 STMICROELECTRONICS-STM32C011X4 Datasheet
1Mb / 94P
Arm® Cortex®-M0 32-bit MCU, 32 KB Flash, 6 KB RAM,2 x USART, timers, ADC, comm. I/Fs, 2-3.6 V
December 2022 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com