Electronic Components Datasheet Search
  English  ▼

X  

LM124A Datasheet(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM124A
Description  Low Power Quad Operational Amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM124A Datasheet(HTML) 10 Page - National Semiconductor (TI)

Back Button LM124A Datasheet HTML 6Page - National Semiconductor (TI) LM124A Datasheet HTML 7Page - National Semiconductor (TI) LM124A Datasheet HTML 8Page - National Semiconductor (TI) LM124A Datasheet HTML 9Page - National Semiconductor (TI) LM124A Datasheet HTML 10Page - National Semiconductor (TI) LM124A Datasheet HTML 11Page - National Semiconductor (TI) LM124A Datasheet HTML 12Page - National Semiconductor (TI) LM124A Datasheet HTML 13Page - National Semiconductor (TI) LM124A Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
LM124A RAD HARD — AC Electrical Characteristics (Note 10)
(The following conditions apply to all the following parameters, unless otherwise specified.) AC: +Vcc = 30V, -Vcc = 0V
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
MAX
UNIT
SUB-
GROUPS
NI(BB)
Noise Broadband
+Vcc = 15V, -Vcc = -15V,
BW = 10Hz to 5KHz
15
uVrm s
7
NI(PC)
Noise Popcorn
+Vcc = 15V, -Vcc = -15V,
Rs = 20K Ohms,
BW = 10Hz to 5KHz
50
uVpK
7
Cs
Channel Separation
+Vcc = 30V, -Vcc = Gnd,
Rl = 2K Ohms
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,AtoB
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,AtoC
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,AtoD
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,BtoA
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,BtoC
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,BtoD
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,CtoA
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,CtoB
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,CtoD
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,DtoA
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,DtoB
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,DtoC
80
dB
7
www.national.com
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com