Electronic Components Datasheet Search
  English  ▼

X  

STSPIN32G4TR Datasheet(PDF) 9 Page - STMicroelectronics

Part # STSPIN32G4TR
Description  High performance 3-phase motor controller with embedded STM32G4 MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STSPIN32G4TR Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STSPIN32G4TR Datasheet HTML 5Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 6Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 7Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 8Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 9Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 10Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 11Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 12Page - STMicroelectronics STSPIN32G4TR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
IOC,Buck
Buck converter overcurrent
threshold
1.2
A
TSD
Shutdown temperature
140
160
°C
TSD(Hyst)
Thermal shutdown hysteresis
30
°C
3.3 V Linear regulator
VREG3V3
3.3 V linear regulator output
and logic supply voltage
VREGIN = 5 V
IREG3V3 = 150 mA
3.1
3.3
3.5
V
IREG3V3lim
3.3 V linear regulator current
limit
REG3V3 shorted to ground
151
mA
TSD
Shutdown temperature
140
160
°C
TSD(Hyst)
Thermal shutdown hysteresis
30
°C
Gate drivers
Igate
Sink/source current capabilities
VCC = 5.5 V to 15 V
VBOx = 5.5 V to 15 V
Tamb = 25°C
700
1000
1300
mA
VCC = 5.5 V to 15 V
VBOx = 5.5 V to 15 V
Full temperature range
500
1500
mA
RPMOS
PMOS on-resistance
VCC = 12 V, VBOx = 12 V
Isource = 100 mA
Tamb = 25°C
3.7
Ω
VCC = 12 V, VBOx = 12 V
Isource = 100 mA
Full temperature range
5.8
Ω
RNMOS
NMOS on-resistance
VCC = 12 V, VBOx = 12 V
Isink = 100 mA
Tamb = 25°C
1.6
Ω
VCC = 12 V, VBOx = 12 V
Isink = 100 mA
Full temperature range
2.6
Ω
tDT
Deadtime
Minimum deadtime enabled
150
ns
IOUTx,bias
OUTx bias current
VOUTx = VM = 60 V
180
260
µA
VOUTx = 0 V
180
260
µA
ton, toff
Input to output propagation
delay
VCC = 5.5 V to 15 V
VBOOTx-VOUTx = 5.5 V to 15 V
30
60
ns
VCC = 5.5 V to 15 V
VBOOTx-VOUTx = 5.5 V to 15 V
Full temperature range
120
ns
MT
Delay matching, HS and LS
turn-on/off
(1)
0
50
ns
STSPIN32G4
Electrical characteristics
DS13630 - Rev 1
page 9/48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com