Electronic Components Datasheet Search
  English  ▼

X  

538AFS Datasheet(PDF) 2 Page - Belden Inc.

Part # 538AFS
Description  Access Control, 16c (#18-3pr, #16-4c, #18-6c), Shielded, Banana Peel짰, CMR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

538AFS Datasheet(HTML) 2 Page - Belden Inc.

  538AFS Datasheet HTML 1Page - Belden Inc. 538AFS Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics
Electricals
Element
Description
Element
Nom. Conductor DCR
Nom. Inner Shield DCR
Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Shield
Max. Current
Card Reader
Pair(s)
6.6 Ohm/1000ft (22
Ohm/km)
13.1 Ohm/1000ft (43.0 Ohm/km) 29 pF/ft (95 pF/m)
52.25 pF/ft (171.4 pF/m)
4 Amps per Conductor at 25ºC
Door Contact
Conductor(s)
6.6 Ohm/1000ft (22
Ohm/km)
16.7 Ohm/1000ft (54.8 Ohm/km) 52.5 pF/ft (172 pF/m)
94.5 pF/ft (310 pF/m)
4 Amps per Conductor at 25ºC
REX/Spare
Conductor(s)
6.6 Ohm/1000ft (22
Ohm/km)
15.9 Ohm/1000ft (52.2 Ohm/km) 29 pF/ft (95 pF/m)
52.25 pF/ft (171.4 pF/m)
4 Amps per Conductor at 25ºC
Lock Power
Conductor(s) 4 Ohm/1000ft (13 Ohm/km)
15.9 Ohm/1000ft (52.2 Ohm/km) 30.5 pF/ft (100 pF/m)
55 pF/ft (180 pF/m)
5 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (UL CMR)
Mechanical Characteristics
Temperature
Operating
0°C to +75°C
Bend Radius
Stationary Min. Installation Min.
5.2 in (130 mm)
5.2 in (130 mm)
Max. Pull Tension:
428 lbs (194 kg)
Bulk Cable Weight:
148 lbs/1000ft (220 kg/km)
Standards and Compliance
Environmental
Suitability:
Indoor - Riser, Indoor
Sustainability:
Product Lens™, Environmental Product Declaration (EPD) Available
Flammability / Fire
Resistance:
UL1666 Riser, IEC 60332-1-2
NEC / UL Compliance:
Article 800, CMR
CEC / C(UL)
Compliance:
CMG
CPR Euroclass:
Eca
European Directive
Compliance:
EU CE Mark, EU Directive 2015/863/EU (RoHS 2 amendment), EU Directive 2011/65/EU (RoHS 2), EU Directive 2012/19/EU (WEEE)
APAC Compliance:
China RoHS II (GB/T 26572-2011)
Plenum Number:
638AFS
Product Notes
Notes:
Cold environment installation: When installing cables that have been stored at ambient temperatures of 32 degrees Fahrenheit (0 degrees Centigrade) or lower, Belden recommends
conditioning of the cable for 12 hours at room temperature prior to individual cable leg separation.
History
Update and Revision:
Revision Number: 0.356 Revision Date: 08-27-2021
© 2021 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described here in are subject to error or omission and to change without
notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "ASIS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for any damages
(including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with all applicable environmental programs as listed in the data sheet. The information provided is correct to the best of Belden's knowledge, information and belief
at the date of its publication. This information is designed only as a general guide for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. The Product
Disclosure is not to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and
regulations based on their individual usage of the product.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com