Electronic Components Datasheet Search
  English  ▼

X  

STM32CUBEL4 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STM32CUBEL4
Description  STM32CubeL4 demonstration firmware for 32L476GDISCOVERY discovery kit
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32CUBEL4 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STM32CUBEL4 Datasheet HTML 6Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 7Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 8Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 9Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 10Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 11Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 12Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 13Page - STMicroelectronics STM32CUBEL4 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Getting started with demonstration
UM1919
10/37
DocID028080 Rev 1
2.3
Power supply modes
The demonstration firmware provides two modes of operation depending on the power
supply mode. The richest power supply mode is the USB-powered where all the
applications can run at a maximum clock speed whereas an alternative mode consists in
running from the battery. The battery mode allows to demonstrate the low-power
consumption of MCU but also the HW itself. The demonstration firmware implements thus
some clock reduction mechanisms, enters automatically in low-power modes in case of
inactivity and wake-up in case of end-user interaction with the joystick.
2.3.1
USB supply
The following jumper setup is mandatory for running the demonstration powered by the USB
(ST-LINK):
•
Jumpers RST (JP3) / ST-LINK (CN3) present
•
Jumper JP5 on IDD
•
Jumper JP6 on 3V3
2.3.2
Battery supply
The following jumper setup is mandatory for running the demonstration powered by the
battery (see Figure 4):
•
Jumpers RST (JP3) / ST-LINK (CN3) removed
•
Jumper JP5 on IDD
•
Jumper JP6 on BATT
And of course it insures that a CR2032 battery is present at the rear of the board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com