Electronic Components Datasheet Search
  English  ▼

X  

MAX4361ESA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4361ESA
Description  ADSL Drivers/Receivers for Customer Premise Equipment
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4361ESA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4361ESA Datasheet HTML 1Page - Maxim Integrated Products MAX4361ESA Datasheet HTML 2Page - Maxim Integrated Products MAX4361ESA Datasheet HTML 3Page - Maxim Integrated Products MAX4361ESA Datasheet HTML 4Page - Maxim Integrated Products MAX4361ESA Datasheet HTML 5Page - Maxim Integrated Products MAX4361ESA Datasheet HTML 6Page - Maxim Integrated Products MAX4361ESA Datasheet HTML 7Page - Maxim Integrated Products MAX4361ESA Datasheet HTML 8Page - Maxim Integrated Products MAX4361ESA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
ADSL Drivers/Receivers for Customer Premise
Equipment
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS—Driver
(V+ = 5V, GND = 0, VCM = 2.5V, RL = 12.5
Ω, SHDN = 0, TA = TMIN to TMAX, unless otherwise noted. Typical values specified at
TA = +25°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Supply Voltage (V+ to GND) ....................................-0.3V to +6V
Analog Input Voltage .......................(GND - 0.3V) to (V+ + 0.3V)
SHDN Input Voltage.........................(GND - 0.3V) to (V+ + 0.3V)
Output Short-Circuit Duration .................................................10s
Driver Output Current...............................................................1A
Receiver Output Current ...................................................150mA
Continuous Power Dissipation (TA = +70°C)
8-Pin µMAX (derate 4.5mW/°C above +70°C) ..............362mW
10-Pin µMAX (derate 5.6mW/°C above +70°C) ............444mW
8-Pin SO (derate 5.88mW/°C above +70°C).................471mW
14-Pin SO (derate 8.33mW/°C above +70°C)...............667mW
20-Pin SO (derate 10.0mW/°C above +70°C)...............800mW
20-Pin TSSOP (derate 10.9mW/°C above +70°C) ........879mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range (Note 1)
VCC
4.5
5.5
V
MAX4361, RL =
∞
22
33
mA
SHDN = 0
22
33
mA
MAX4362, RL =
∞
SHDN = 5V
60
200
µA
SHDN = 0
22
33
mA
MAX4363, measured at
V+ (TX), RL =
∞
SHDN = 5V
60
200
µA
SHDN = 0
4
6.5
mA
Supply Current
IQ
MAX4363, measured at
V+ (RX), RL =
∞
SHDN = 5V
70
200
µA
DMT modulation
15.5
Maximum Average Output
Power (Notes 2, 3)
POUT
CAP modulation
18
dBm
Gain
G
MAX4361 (0.7V
≤ VOUT ≤ (V+) - 0.7V)
3.0
3.1
3.2
V/V
Open-Loop Gain
AVOL
MAX4362/MAX4363 (0.7V
≤ VOUT ≤ (V+) - 0.7V)
68
81
dB
Second Harmonic Distortion
(Notes 3, 4)
G = 3.1, f = 100kHz, VOUT(DIFF) = 7.1VP-P
-66
-76
dBc
Third Harmonic Distortion
(Notes 3, 4)
G = 3.1, f = 100kHz, VOUT(DIFF) = 7.1VP-P
-68
-79
dBc
Peak Output Current
IOUT
Inferred from Output Voltage Swing test
280
330
mA
Input Offset Voltage
VOS
±0.5
±10
mV
Input Bias Current
IB
1.6
4.5
µA
MAX4361
±30
±600
Input Offset Current
IOS
MAX4362/MAX4363
±10
±500
nA
MAX4361
25
M
Ω
Differential Input Resistance
RIN(DIFF)
MAX4362/MAX4363
40
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com