Electronic Components Datasheet Search
  English  ▼

X  

PS5R-SC12 Datasheet(PDF) 1 Page - IDEC Corporation

Part # PS5R-SC12
Description  PS5R Slim Line Series Switching Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

PS5R-SC12 Datasheet(HTML) 1 Page - IDEC Corporation

  PS5R-SC12 Datasheet HTML 1Page - IDEC Corporation PS5R-SC12 Datasheet HTML 2Page - IDEC Corporation PS5R-SC12 Datasheet HTML 3Page - IDEC Corporation PS5R-SC12 Datasheet HTML 4Page - IDEC Corporation PS5R-SC12 Datasheet HTML 5Page - IDEC Corporation PS5R-SC12 Datasheet HTML 6Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
141
800-262-IDEC (4332) • USA & Canada
PS5R Slim Line
Power Supplies
PS5R Slim Line Series
Switching Power Supplies
Key features:
• Lightweight and compact in size
• Wide power range: 10W-240W
• Universal input:
10W to 90W: 85-264V AC/100-370V DC
120W and 240W: 85-264V AC/100-350V DC
• Power Factor Correction for 60W to 240W
(EN61000-3-2)
• Meets SEMI F47 Sag Immunity (120W & 240W only)
• UL Listed for Class 1, Div. 2 Hazardous Locations
• Overcurrent protection, auto-reset
• Overvoltage protection, shut down
• Spring-up screw terminal type, IP20
• DIN rail or panel surface mount
• Approvals:
CE Marked
ANSI/ISA-12.12.01-2011 (Hazardous locations)
TÜV
EN50178:1997
c-UL, UL508
LVD: EN60950:2000
UL1310 (PS5R-SB, -SC, -SD)
EMC: Directive EN61204-3:2000 (EMI: Class B, EMS: Industrial)
Designed with Accessibility & Convenience in Mind!
PS5R Slim Line
File #E234997
(SEMI F47 120W &
240W only)
DC Low Indicator
(15W, 120W & 240W Slim Line Only)
The indicator turns on when the output
voltage drops below 80% of the rated value.
This assists in troubleshooting power supply
problems.
DC ON Indicator
The indicator turns on when the unit is powered
up. This is a convenient way to know when the
power supply is receiving power.
Output Voltage Adjustment
The output voltage can be easily adjusted within
+ 10% of the rated voltage.
Fingersafe, Spring-up Screw Terminals
Don’t worry about losing screws or getting an
inadvertent shock from a terminal. The terminals are
captive spring-up screws, which makes using them as easy as
pushing a screw down and tightening it.
They are shock and vibration resistant, and work with ring lugs,
fork connectors or stripped wire connections. The terminals are
rated IP20 (when tightened) meaning they are recessed to keep
fingers and objects from touching the input contacts.
Top
View
Universal Input Power
The applied input power has a range of 85-264V
AC (100-350V DC) without the use of jumpers or
slide switches. This makes IDEC power supplies
suitable for use anywhere in the world.
Output Channel
With very low output ripples of less than 1% peak
to peak, the 120W and 240W power supplies are
some of the best in the industry. The output comes
with overload protection that avoids damaging the
power supply and the spring-up, fingersafe, screw
terminals add a level of safety and ease for the
user. The 240W power supply also has the conve-
nience of two output terminals.
Long Life Expectancy
IDEC power supplies are very reliable, with a life
expectancy of 70,000 hrs. (minimum) or longer,
depending on usage. Power factor correction has
also been included to minimize harmonic distortion,
resulting in a longer operating life and increased
reliability.
Ventilation Grill
Provides cooling for
the power supply and
prevents small objects
from falling into the
power supply circuitry.


Similar Part No. - PS5R-SC12

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS5R-SB24 ETC2-PS5R-SB24 Datasheet
319Kb / 2P
Slim Line Power Supplies PS5R-S
More results

Similar Description - PS5R-SC12

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1584 MAXIM-MAX1584 Datasheet
632Kb / 29P
5-Channel Slim DSC Power Supplies
19-2883; Rev 0; 7/03
logo
List of Unclassifed Man...
MAA300 ETC2-MAA300 Datasheet
235Kb / 7P
Switching Power Supplies ??? Series
logo
Tyco Electronics
3ET1 MACOM-3ET1 Datasheet
479Kb / 2P
High Performance RFI Power Line Filters for Switching Power Supplies
3ET1 MACOM-3ET1_11 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
6609047-3 MACOM-6609047-3 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
logo
List of Unclassifed Man...
PS5R-SB24 ETC2-PS5R-SB24 Datasheet
319Kb / 2P
Slim Line Power Supplies PS5R-S
logo
Switchcraft, Inc.
SL403F SWITCH-SL403F Datasheet
20Kb / 1P
SLIM-LINE CONNECTORS
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
Switching Power Supplies
logo
TE Connectivity Ltd
3ET1 TEC-3ET1 Datasheet
219Kb / 4P
High Performance RFI Power Line Filters for Switching Power Supplies
logo
IDEC Corporation
PS5R-B24 IDEC-PS5R-B24 Datasheet
209Kb / 5P
PS5R Standard Series ??Switching Power Supplies
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com