Electronic Components Datasheet Search
  English  ▼

X  

PS5R-SC24 Datasheet(PDF) 2 Page - IDEC Corporation

Part # PS5R-SC24
Description  PS5R Slim Line Series Switching Power Supplies
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDEC [IDEC Corporation]
Direct Link  https://us.idec.com/
Logo IDEC - IDEC Corporation

PS5R-SC24 Datasheet(HTML) 2 Page - IDEC Corporation

  PS5R-SC24 Datasheet HTML 1Page - IDEC Corporation PS5R-SC24 Datasheet HTML 2Page - IDEC Corporation PS5R-SC24 Datasheet HTML 3Page - IDEC Corporation PS5R-SC24 Datasheet HTML 4Page - IDEC Corporation PS5R-SC24 Datasheet HTML 5Page - IDEC Corporation PS5R-SC24 Datasheet HTML 6Page - IDEC Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PS5R Slim Line
Power Supplies
142
www.IDEC.com
Part Numbers
Style
Watts
Rated
Voltage
Rated
Current
Part
Number
10
5V DC
2.0A
PS5R-SB05
15
12V DC
1.2A
PS5R-SB12
24V DC
0.65A
PS5R-SB24
30
12V DC
2.5A
PS5R-SC12
24V DC
1.3A
PS5R-SC24
60
24V DC
2.5A
PS5R-SD24
Style
Watts
Rated
Voltage
Rated
Current
Part
Number
90
24V DC
3.75A
PS5R-SE24
120
24V DC
5A
PS5R-SF24
240
24V DC
10A
PS5R-SG24
Accessories
Appearance
Description
Part Number
Panel Mounting Bracket for PS5R-SB
PS9Z-5R1B
Panel Mounting Bracket for PS5R-SB (flat side mounting)
PS9Z-5R2B
Panel Mounting Bracket for PS5R-SC and PS5R-SD
PS9Z-5R1C
Panel Mounting Bracket for PS5R-SE
PS9Z-5R1E
Panel Mounting Bracket for PS5R-SF & PS5R-SG
PS9Z-5R1G
DIN rail (1000mm)
BNDN1000
DIN rail end clip
BNL5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com