Electronic Components Datasheet Search
  English  ▼

X  

786A Datasheet(PDF) 1 Page - Amphenol Corporation

Part # 786A
Description  General purpose accelerometer
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

786A Datasheet(HTML) 1 Page - Amphenol Corporation

  786A Datasheet HTML 1Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Note: Due to continuous process improvement, specifications are subject to change without notice.
This document is cleared for public release.
Wilcoxon Sensing Technologies
8435 Progress Drive
Frederick, MD 21701
USA
An Amphenol Company
buy.wilcoxon.com
www.wilcoxon.com
Tel: +1 (301) 330-8811
Fax: +1 (301) 330-8873
info@wilcoxon.com
SPECIFICATIONS
786A
General purpose accelerometer
Accessories supplied: SF6 mounting stud; calibration data (level 2)
Key features
• MTBF 25 years
• Certified versions available for
use in hazardous areas
• API 670 compliant
• Manufactured in ISO 9001 facility
Connections
Function
Connector pin
power/signal
A
common
B
ground
shell
98692 Rev.E.2 09/18
Sensitivity, ±5%, 25°C
100 mV/g
Acceleration range, VDC > 25 V
80 g peak
Amplitude nonlinearity
1%
Frequency response:
±5%
±10%
±3 dB
3 - 5,000 Hz
1 - 9,000 Hz
0.5 - 14,000 Hz
Resonance frequency
30 kHz
Transverse sensitivity, max
5% of axial
Temperature response:
–55°C
+120°C
–20%
+10%
Power requirement:
Voltage source
Current regulating diode
18 - 30 VDC
2 - 10 mA
Electrical noise, equiv. g:
Broadband  
2.5 Hz to 25 kHz
Spectral
10 Hz
  100 Hz
  1,000 Hz
700 µg
10 µg/√Hz
5 µg/√Hz
5 µg/√Hz
Output impedance, max
100 Ω
Bias output voltage
12 VDC
Grounding
case isolated, internally shielded
Temperature range
–55° to +120°C
Vibration limit
500 g peak
Shock limit
5,000 g peak
Electromagnetic sensitivity, equiv. g, max
70 µg/gauss
Sealing
hermetic
Base strain sensitivity, max
0.0002 g/μstrain
Sensing element design
PZT, shear
Weight
90 grams
Case material
316L stainless steel
Mounting
1/4-28 UNF tapped hole
Mating connector
MIL-5015 style
Recommended cabling
J10 / J9T2A
MIL-C-5015
2 PIN CONNECTOR
2.08
Ø.86
Ø.75
0.15
1/4-28 MOUNTING STUD
7/8 HEX
Optional certified versions available
for use in hazardous areas:
- Class I Div 1 (Zone 0/1)
- Class I Div 2 (Zone 2)


Similar Part No. - 786A

ManufacturerPart #DatasheetDescription
logo
Amphenol Wilcoxon Sensi...
786A WILCOXON-786A Datasheet
246Kb / 1P
General purpose accelerometer
Rev.E.2 09/18
786A-D2 WILCOXON-786A-D2 Datasheet
310Kb / 1P
Class I Div 2 certified accelerometer
Rev.C.3 12/18
786A-I WILCOXON-786A-I Datasheet
248Kb / 1P
General purpose accelerometer
Rev.B.3 09/18
786A-IS WILCOXON-786A-IS Datasheet
270Kb / 1P
Intrinsically safe certified accelerometer
Rev.D.3 12/18
786A-M12 WILCOXON-786A-M12 Datasheet
286Kb / 1P
General purpose accelerometer
Rev.C.3 09/18
More results

Similar Description - 786A

ManufacturerPart #DatasheetDescription
logo
VTI technologies
SCA1000 VTI-SCA1000 Datasheet
387Kb / 3P
Accelerometer
logo
ON Semiconductor
NST3906DP6T5G ONSEMI-NST3906DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Dual General Purpose
April, 2008 ??Rev. 0
logo
Amphenol Wilcoxon Sensi...
786A WILCOXON-786A Datasheet
246Kb / 1P
General purpose accelerometer
Rev.E.2 09/18
787A WILCOXON-787A Datasheet
244Kb / 1P
General purpose accelerometer
Rev.H.2 09/18
797 WILCOXON-797 Datasheet
245Kb / 1P
General purpose accelerometer
Rev.E.1
logo
STI Vibration Monitorin...
CMCP785A-I STI-CMCP785A-I Datasheet
508Kb / 2P
General Purpose Side Entry Accelerometer, Armored Cable
January 2023
CMCP785A-IP STI-CMCP785A-IP Datasheet
538Kb / 2P
General Purpose Side Entry Accelerometer, Submersible
January 2023
CMCP786A-I STI-CMCP786A-I Datasheet
498Kb / 2P
General Purpose Top Entry Accelerometer, Armored Cable
January 2023
CMCP786A-IP STI-CMCP786A-IP Datasheet
516Kb / 2P
General Purpose Top Entry Accelerometer, Submersible
January 2023
CMCP786A STI-CMCP786A Datasheet
503Kb / 2P
General Purpose Top Entry Accelerometer, 2 Pin MS 5015
January 2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com