Electronic Components Datasheet Search
  English  ▼

X  

ADM7155 Datasheet(PDF) 16 Page - Analog Devices

Part # ADM7155
Description  600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7155 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADM7155 Datasheet HTML 12Page - Analog Devices ADM7155 Datasheet HTML 13Page - Analog Devices ADM7155 Datasheet HTML 14Page - Analog Devices ADM7155 Datasheet HTML 15Page - Analog Devices ADM7155 Datasheet HTML 16Page - Analog Devices ADM7155 Datasheet HTML 17Page - Analog Devices ADM7155 Datasheet HTML 18Page - Analog Devices ADM7155 Datasheet HTML 19Page - Analog Devices ADM7155 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADM7155
Data Sheet
Rev. C | Page 16 of 24
FREQUENCY (Hz)
1M
0.1
1
10
100
1k
10k
100k
0.1
1
10
100
10k
1k
NOISE FLOOR
1.0µF
3.3µF
10µF
33µF
100µF
330µF
1000µF
Figure 47. Noise Spectral Density vs. Frequency for
Different Capacitances (CBYP)
Capacitor Properties
Any good quality ceramic capacitors can be used with the
ADM7155 if they meet the minimum capacitance and
maximum ESR requirements. Ceramic capacitors are
manufactured with a variety of dielectrics, each with different
behavior over temperature and applied voltage. Capacitors must
have a dielectric adequate to ensure the minimum capacitance
over the necessary temperature range and dc bias conditions.
X5R or X7R dielectrics with a voltage rating of 6.3 V to 50 V
are recommended. However, Y5V and Z5U dielectrics are
not recommended because of their poor temperature and dc
bias characteristics.
Figure 48 depicts the capacitance vs. dc bias voltage of a 1206,
10 μF, 10 V, X5R capacitor. The voltage stability of a capacitor is
strongly influenced by the capacitor size and voltage rating. In
general, a capacitor in a larger package or higher voltage rating
exhibits better stability. The temperature variation of the X5R
dielectric is ~±15% over the −40°C to +85°C temperature range
and is not a function of package or voltage rating.
DC BIAS VOLTAGE (V)
10
04
8
26
0
12
10
8
6
4
2
Figure 48. Capacitance vs. DC Bias Voltage
Use Equation 1 to determine the worst case capacitance
accounting for capacitor variation over temperature,
component tolerance, and voltage.
CEFF = CBIAS × (1 − TEMPCO) × (1 − TOL)
(1)
where:
CBIAS is the effective capacitance at the operating voltage.
TEMPCO is the worst case capacitor temperature coefficient.
TOL is the worst case component tolerance.
In this example, the worst case temperature coefficient
(TEMPCO) over −40°C to +85°C is assumed to be 15% for an
X5R dielectric. The tolerance of the capacitor (TOL) is assumed
to be 10%, and CBIAS is 9.72 μF at 5 V, as shown in Figure 48.
Substituting these values in Equation 1 yields
CEFF = 9.72 μF × (1 − 0.15) × (1 − 0.1) = 7.44 μF
Therefore, the capacitor chosen in this example meets the
minimum capacitance requirement of the LDO over
temperature and tolerance at the chosen output voltage.
To guarantee the performance of the ADM7155, it is imperative
that the effects of dc bias, temperature, and tolerances on the
behavior of the capacitors be evaluated for each application.
UNDERVOLTAGE LOCKOUT (UVLO)
The ADM7155 also incorporates an internal UVLO circuit to
disable the output voltage when the input voltage is less than the
minimum input voltage rating of the regulator. The upper and
lower thresholds are internally fixed with about 200 mV of
hysteresis.
INPUT VOLTAGE (V)
2.30
2.25
2.20
2.15
2.10
2.05
2.00
1.95
1.90
0
2.5
2.0
1.5
1.0
0.5
–40°C
+25°C
+125°C
Figure 49. Typical UVLO Behavior at Different Temperatures, VOUT = 3.3 V
Figure 49 shows the typical hysteresis of the UVLO function.
This hysteresis prevents on/off oscillations that can occur when
caused by noise on the input voltage as it passes through the
threshold points.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com