Electronic Components Datasheet Search
  English  ▼

X  

ADM7151ARD Datasheet(PDF) 6 Page - Analog Devices

Part # ADM7151ARD
Description  600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7151ARD Datasheet(HTML) 6 Page - Analog Devices

Back Button ADM7151ARD Datasheet HTML 2Page - Analog Devices ADM7151ARD Datasheet HTML 3Page - Analog Devices ADM7151ARD Datasheet HTML 4Page - Analog Devices ADM7151ARD Datasheet HTML 5Page - Analog Devices ADM7151ARD Datasheet HTML 6Page - Analog Devices ADM7151ARD Datasheet HTML 7Page - Analog Devices ADM7151ARD Datasheet HTML 8Page - Analog Devices ADM7151ARD Datasheet HTML 9Page - Analog Devices ADM7151ARD Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADM7155
Data Sheet
Rev. C | Page 6 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
3
BYP
4
GND
1
VREG
2
VOUT
6REF
5 REF_SENSE
8VIN
7EN
ADM7155
TOP VIEW
(Not to Scale)
NOTES
1. THE EXPOSED PAD IS LOCATED ON THE BOTTOM OF
THE PACKAGE. THE EXPOSED PAD ENHANCES
THERMAL PERFORMANCE, AND IT IS ELECTRICALLY
CONNECTED TO GND INSIDE THE PACKAGE. CONNECT
THE EP TO THE GROUND PLANE ON THE BOARD TO
ENSURE PROPER OPERATION.
Figure 3. 8-Lead LFCSP Pin Configuration
ADM7155
TOP VIEW
(Not to Scale)
VREG 1
VOUT 2
BYP 3
GND 4
VIN
8
EN
7
REF
6
REF_SENSE
5
NOTES
1. THE EXPOSED PAD IS LOCATED ON THE BOTTOM OF
THE PACKAGE. THE EXPOSED PAD ENHANCES
THERMAL PERFORMANCE, AND IT IS ELECTRICALLY
CONNECTED TO GND INSIDE THE PACKAGE. CONNECT
THE EP TO THE GROUND PLANE ON THE BOARD TO
ENSURE PROPER OPERATION.
Figure 4. 8-Lead SOIC Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VREG
Regulated Input Supply Voltage to LDO Amplifier. Bypass VREG to GND with a 10 μF or greater
capacitor.
2
VOUT
Regulated Output Voltage. Bypass VOUT to GND with a 10 μF or greater capacitor.
3
BYP
Low Noise Bypass Capacitor. Connect a 1 μF capacitor from the BYP pin to GND to reduce noise. Do not
connect a load to ground.
4
GND
Ground Connection.
5
REF_SENSE
Reference Sense. Connect Pin 5 to the REF pin. Do not connect Pin 5 to VOUT or GND.
6
REF
Low Noise Reference Voltage Output. Bypass REF to GND with a 1 μF capacitor. Short REF_SENSE to REF
for fixed output voltages. Do not connect a load to ground.
7
EN
Enable. Drive EN high to turn on the regulator; drive EN low to turn off the regulator. For automatic
startup, connect EN to VIN.
8
VIN
Regulator Input Supply Voltage. Bypass VIN to GND with a 10 μF or greater capacitor.
EP
Exposed Pad. The exposed pad is located on the bottom of the package. The exposed pad enhances
thermal performance, and it is electrically connected to GND inside the package. Connect the EP to the
ground plane on the board to ensure proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com