Electronic Components Datasheet Search
  English  ▼

X  

ADM7154ACP Datasheet(PDF) 21 Page - Analog Devices

Part # ADM7154ACP
Description  600 mA, Ultralow Noise, High PSRR, RF Linear Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM7154ACP Datasheet(HTML) 21 Page - Analog Devices

Back Button ADM7154ACP Datasheet HTML 16Page - Analog Devices ADM7154ACP Datasheet HTML 17Page - Analog Devices ADM7154ACP Datasheet HTML 18Page - Analog Devices ADM7154ACP Datasheet HTML 19Page - Analog Devices ADM7154ACP Datasheet HTML 20Page - Analog Devices ADM7154ACP Datasheet HTML 21Page - Analog Devices ADM7154ACP Datasheet HTML 22Page - Analog Devices ADM7154ACP Datasheet HTML 23Page - Analog Devices ADM7154ACP Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Data Sheet
ADM7155
Rev. C | Page 21 of 24
Table 9. Model Selection Guide for PSRR
Model
VOUT_MAX (V)
PSRR (dB) at 600 mA; VIN = VOUT_MAX + 0.5 V
PSRR (dB) at 400 mA; VIN = VOUT_MAX + 0.5 V
10 kHz
100 kHz
1 MHz
10 kHz
100 kHz
1 MHz
ADM7155-01
1.8
101
92
60
102
92
65
ADM7155-02
2.3
101
94
57
101
93
61
ADM7155-03
2.9
103
94
51
102
94
57
ADM7155-04
3.4
103
94
51
102
94
57
Table 10. Model Selection Guide for Input Voltage
Model
VOUT Range (V)
Minimum VIN at 600 mA Load
ADM7155-01
1.2 to 1.8
2.3 V
ADM7155-02
1.2 to 2.3
2.9 V
ADM7155-03
1.2 to 2.9
3.4 V
ADM7155-04
1.2 to 3.4
3.9 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com