Electronic Components Datasheet Search
  English  ▼

X  

MIC9131 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC9131
Description  High-Voltage, High-Speed Telecom DC-to-DC Controller
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC9131 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC9131 Datasheet HTML 1Page - Micrel Semiconductor MIC9131 Datasheet HTML 2Page - Micrel Semiconductor MIC9131 Datasheet HTML 3Page - Micrel Semiconductor MIC9131 Datasheet HTML 4Page - Micrel Semiconductor MIC9131 Datasheet HTML 5Page - Micrel Semiconductor MIC9131 Datasheet HTML 6Page - Micrel Semiconductor MIC9131 Datasheet HTML 7Page - Micrel Semiconductor MIC9131 Datasheet HTML 8Page - Micrel Semiconductor MIC9131 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MIC9131
Micrel
MIC9131
4
July 2001
Parameter
Condition
Min
Typ
Max
Units
Preregulator
Input Leakage Current
V
LINE = 180V, VCC = 10V
0.1
10
µA
V
CC Gate Lockout (VGLO(ON))VLINE = 48V
7.2
7.5
V
V
CC Gate Lockout Hysteresis
V
LINE = 48V
700
800
mV
(
∆V
GLO)
V
CC Pre-Regulator Off (VPR(OFF))VLINE = 48V
V
GLO(ON)
V
7.7
+0.5V
V
CC Pre-Regulator Hysteresis
V
LINE = 48V
500
700
mV
(
∆V
PR)
Start-up Current
V
LINE = 48V, VCC = 7.5V, Note 4
912
mA
Supply
Supply Current, I
VCC
Pin 16 (OUT) = OPEN
1
1.3
mA
Enable Input Current
V
EN = 0V ,10V; VLINE = 48V
–10
0.1
10
µA
Shutdown Supply Current
V
EN = 0V ; VCC = 18V
0.1
10
µA
Protection and Control
Current Limit Threshold Voltage
0.772
0.83
0.888
V
Current Limit Delay to Output
V
ISNS = 0V to 5V
34
ns
Current Limit Source Current
V
ISNS = 0V
30
40
50
µA
Enable Input Threshold (Turn-on)
1
1.6
2.2
V
Enable Input Hysteresis
150
mV
CPWR Input Current
V
CPWR = 5V, 0V
–1+1
µA
CPWR Threshold
1.6
V
Soft-Start Current
V
SS = 0V
2.5
4
6
µA
Line UVLO Threshold (Turn-on)
1.16
1.22
1.28
V
Line UVLO Threshold Hysteresis
140
mV
Thermal Shutdown
145
°C
Thermal Shutdown Hysteresis
25
°C
MOSFET Driver
Output Minimum On-Time
V
ISNS = 5V
0
ns
Output Driver Impedance
SOURCE ; I
SOURCE = 200mA
8
12
Ω
SINK ; I
SINK = 200mA
4
6
Ω
Rise Time
C
OUT = 500pF
12
ns
Fall Time
C
OUT = 500pF
8
ns
Note 1.
Exceeding the absolute maximum rating may damage the device.
Note 2.
The device is not guaranteed to function outside its operating rating.
Note 3.
Devices are ESD sensitive. Handling precautions recommended.
Note 4.
If a substained DC voltage >150V is applied to the LINE pin, a current-limiting 1.8k
Ωresistor should be used in series with the LINE pin. This
condition does not apply for transient conditions over 150V.
Note 5.
For oscillator frequencies above 2.5MHz it may be necessary to power to VBIAS pin from an external power source due to the current
limitations of the internal 5V regulator. See
Applications Information for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com