Electronic Components Datasheet Search
  English  ▼

X  

PFD1KE Datasheet(PDF) 4 Page - Microsemi Corporation

Part # PFD1KE
Description  8 GHz Phase Frequency Detector IC with Dual 40 GHz Prescalers
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

PFD1KE Datasheet(HTML) 4 Page - Microsemi Corporation

  PFD1KE Datasheet HTML 1Page - Microsemi Corporation PFD1KE Datasheet HTML 2Page - Microsemi Corporation PFD1KE Datasheet HTML 3Page - Microsemi Corporation PFD1KE Datasheet HTML 4Page - Microsemi Corporation PFD1KE Datasheet HTML 5Page - Microsemi Corporation PFD1KE Datasheet HTML 6Page - Microsemi Corporation PFD1KE Datasheet HTML 7Page - Microsemi Corporation PFD1KE Datasheet HTML 8Page - Microsemi Corporation PFD1KE Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
4 of 19
SMD-00191 Rev D
Subject to Change Without Notice
PFD1K
Charge Pump Control:
The PFD1K charge pump outputs are differential CML outputs with 100 ohm terminations. With this
design the charge pump pulse width can be as small as 100 ps. The charge pump output pulses
are digitally programmable with a 4 bit parallel interface. The maximum current output of the charge
pump is 12 mA which will produce a pulse of 1200 mVpp into the internal 100 ohm termination resis-
tor. When the charge pump outputs are terminated with a 50ohm load the parallel impedance of 100
ohms and 50 ohms results in a 33 ohm load, which reduces the output to 400mVpp. In addition to
the digital control, there is an analog charge pump control voltage, VADJ, which can be used for fine
control of the charge pump current. The maximum charge pump output of 12mA occurs when VADJ
is set to VCC (which is the normal mode of operation). Logic 1 on the POL control input reverses the
polarity of the charge pump outputs.
Simplified Charge Pump Output Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com