Electronic Components Datasheet Search
  English  ▼

X  

NC3MPP Datasheet(PDF) 1 Page - Neutrik AG

Part # NC3MPP
Description  XLR Re ceptacles
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEUTRIK [Neutrik AG]
Direct Link  https://www.neutrik.us/en-us
Logo NEUTRIK - Neutrik AG

NC3MPP Datasheet(HTML) 1 Page - Neutrik AG

  NC3MPP Datasheet HTML 1Page - Neutrik AG NC3MPP Datasheet HTML 2Page - Neutrik AG NC3MPP Datasheet HTML 3Page - Neutrik AG NC3MPP Datasheet HTML 4Page - Neutrik AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
XLR Receptac les
P Series
PP Series
NC4FP-1
NC6MP-B
NC3FPP
NC3MPP
NC4FP-1
NC3MP
All plastic one piece shell male
and female use same cutout.
Female connector availalble
exclusively without latch.
Available in 3-6 pin contact
arrangements.
Smallest available flange
mounted XLR receptacle.
NC3FPP
MC3MPP
MC3FPP
23
WE
EE
• C O MP
• C O MP
WE
EE
Male and female available in 3-6 pin configurations;
•
7
pin versions available in female only.
Smallest available hard wiring receptacles with large
•
solder cups.
Male and female use different mounting hole
•
dimensions and do not fit in same mounting hole.
Front mountable only.
•
One piece version – insert is NOT removable from shell.
•
Short female receptacle.
•
Compatible with Switchcraft DxM, DxF; Cannon
•
XLRx31, XLRx32.
6 pole version available with Switchcraft contact
•
arrangement.
Male and female available in 3 pin solder cup
•
configurations.
Female receptacle is latchless.
•
Shell is all plastic.
•
Male and female mount in same hole cutout.
•
Cost effective.
•
Accessories include dust covers (SCDF/M) and color
•
coding (DSS-color).
Can be converted from solder to PCB mount using
•
optional PPCB-H or PPCB-V adapters.
www.neutrikusa.com


Similar Part No. - NC3MPP

ManufacturerPart #DatasheetDescription
logo
Neutrik AG
NC3MP NEUTRIK-NC3MP Datasheet
91Kb / 3P
3 pole male receptacle, solder contacts, Nickel housing, silver contacts
logo
List of Unclassifed Man...
NC3MP-B ETC2-NC3MP-B Datasheet
100Kb / 4P
Smallest available traditional style metal panel mount connector with large solder cups for ease hard wiring.
logo
Neutrik AG
NC3MP-B NEUTRIK-NC3MP-B Datasheet
87Kb / 3P
3 pole male receptacle, solder contacts, black metal housing, gold contacts
NC3MP-BAG NEUTRIK-NC3MP-BAG Datasheet
86Kb / 3P
3 pole male receptacle, solder contacts, black metal housing, silver contacts
NC3MPR-HD NEUTRIK-NC3MPR-HD Datasheet
93Kb / 3P
Heavy duty sealed male 3-pole XLR chassis connector for outdoor use, weatherproof applications as well as in a wide range of industrial applications.
More results

Similar Description - NC3MPP

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
6856 POMONA-6856 Datasheet
121Kb / 1P
XLR (F/F), XLR (M/M)
logo
Tyco Electronics
2-1393217-0 MACOM-2-1393217-0 Datasheet
399Kb / 2P
Miniature PCB Relay RE
2-1393217-2 MACOM-2-1393217-2 Datasheet
399Kb / 2P
Miniature PCB Relay RE
2-1393217-4 MACOM-2-1393217-4 Datasheet
399Kb / 2P
Miniature PCB Relay RE
logo
List of Unclassifed Man...
NC3MXX ETC2-NC3MXX Datasheet
3Mb / 29P
XLR Connectors
logo
XFMRS Inc.
XFRJ458-RXLR1-1 XFMRS-XFRJ458-RXLR1-1 Datasheet
56Kb / 2P
SINGLE PORT XLR
logo
STMicroelectronics
B-F446E-96B01A STMICROELECTRONICS-B-F446E-96B01A Datasheet
2Mb / 3P
USB re-enumeration capability
15-Jul-2016
logo
VITALCONN ELECTRONICS H...
XF103G-A VITALCONN-XF103G-A Datasheet
313Kb / 1P
XLR Connector
logo
SAMYANG ELECTRONICS CO....
ES3A SAMYANG-ES3A Datasheet
1Mb / 2P
SUPER FAST RE
logo
CamdenBoss Ltd.
CHTB CAMDENBOSS-CHTB Datasheet
155Kb / 1P
High temperat u re re s i stant connection blocks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com