Electronic Components Datasheet Search
  English  ▼

X  

ULTRA96 Datasheet(PDF) 13 Page - Trenz Electronic

Part # ULTRA96
Description  TEP0006 is an Ultra96 LS Expansion to Pmod adapter.
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRENZ [Trenz Electronic]
Direct Link  https://www.trenz-electronic.de/en/
Logo TRENZ - Trenz Electronic

ULTRA96 Datasheet(HTML) 13 Page - Trenz Electronic

Back Button ULTRA96 Datasheet HTML 9Page - Trenz Electronic ULTRA96 Datasheet HTML 10Page - Trenz Electronic ULTRA96 Datasheet HTML 11Page - Trenz Electronic ULTRA96 Datasheet HTML 12Page - Trenz Electronic ULTRA96 Datasheet HTML 13Page - Trenz Electronic ULTRA96 Datasheet HTML 14Page - Trenz Electronic ULTRA96 Datasheet HTML 15Page - Trenz Electronic ULTRA96 Datasheet HTML 16Page - Trenz Electronic ULTRA96 Datasheet HTML 17Page - Trenz Electronic  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
 
TEP0006 TRM
Revision: v.24
Copyright ©  2019 Trenz Electronic GmbH
13 of 17
http://www.trenz-electronic.de
•
Power Rail Name
LS Expansion Connector
Pin
Direction
Notes
VCC_PSAUX
35
Input
Supplied by Ultra96
Table 7: Module power rails.
7.6 Technical Specifications
7.7 Absolute Maximum Ratings
Symbols
Description
Min
Max
Unit
T_STG
Storage Temperature
-55
150
°C
Table 8: PS absolute maximum ratings
7.8 Recommended Operating Conditions
Operating temperature range depends also on customer design and cooling solution. Please contact us for options.
Parameter
Min
Max
Units
Reference Document
T_OPT
-40
+85
°C
Table 9: Recommended operating conditions.
7.9 Physical Dimensions
Module size: 85 mm × 17 mm.  Please download the assembly diagram for exact numbers.
PCB thickness: 1.6 mm.
Figure 4: Physical Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com