Electronic Components Datasheet Search
  English  ▼

X  

MAX32625 Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # MAX32625
Description  MAX32625PICO Application Platform
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX32625 Datasheet(HTML) 4 Page - Maxim Integrated Products

  MAX32625 Datasheet HTML 1Page - Maxim Integrated Products MAX32625 Datasheet HTML 2Page - Maxim Integrated Products MAX32625 Datasheet HTML 3Page - Maxim Integrated Products MAX32625 Datasheet HTML 4Page - Maxim Integrated Products MAX32625 Datasheet HTML 5Page - Maxim Integrated Products MAX32625 Datasheet HTML 6Page - Maxim Integrated Products MAX32625 Datasheet HTML 7Page - Maxim Integrated Products MAX32625 Datasheet HTML 8Page - Maxim Integrated Products MAX32625 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Maxim Integrated │ 4
www.maximintegrated.com
Evaluates: MAX32625, MAX14750
MAX32625PICO Application
Platform
Table 1. DAPLink Signals
Table 2. VDDIOH/1-Wire Configuration
Table 3. DIP Header Pinout
SWD HEADER
DIP PINS
DESCRIPTION
NO.
PORT
NO.
PORT
1
VDDIOH
1
VDDIOH
Target VCC
2
P3_3
17
P0_3
Target SWDIO
3
GND
10
GND
Ground
4
P3_2
18
P0_2
Target SWDCLK
5
GND
10
GND
Ground
6
P3_0
20
P0_0
Target Tx
7
NC
NA
Key
8
P3_1
19
P0_1
Target Rx
9
P4_0
2
P4_0
Board ID/Ground Detect
10
P3_7
16
P0_4
Target RESET
P3_6
P2_2
P2_3
DIP(1,2)
SWD(1,9)
VDDIOH
DESCRIPTION
0
0
X
AIN(0,2)
AIN(1,3)
Off
No VDDIOH
0
1
0
IOH,1W
AIN(1,3)
External
VDDIOH from DIP pin 1
0
1
1
AIN(0,2)
IOH,1W
External
VDDIOH from SWD pin 1
1
0
X
AIN(0,2)
AIN(1,3)
+3.3V
Onboard +3.3V
1
1
0
+3.3V,1W
AIN(1,3)
+3.3V
+3.3V out DIP pin 1
1
1
1
AIN(0,2)
+3.3V,1W
+3.3V
+3.3V out SWD pin 1
PIN
NAME
DESCRIPTION
1
AIN_0
Analog Input 0. Can also be enabled as VDDIOH input/output.
2
AIN_2
Analog Input 2. Can also be enabled as 1-Wire master (P4_0).
3
P1_6
Port 1 Bit 6, I2C Master 0 SDA
4
P1_7
Port 1 Bit 7, I2C Master 0 SCL
5
P4_4
Port 4 Bit 4, SPI Slave SCK
6
P4_5
Port 4 Bit 5, SPI Slave MOSI
7
P4_6
Port 4 Bit 6, SPI Slave MISO
8
P4_7
Port 4 Bit 7, SPI Slave SSEL
9
5V
+5V Input/Output (up to 350mA)
10
GND
Ground
11
1.8V
+1.8V Output (up to 150mA)
12
3.3V
+3.3V Output (up to 75mA)
13
P0_7
Port 0 Bit 7, SPI Master 0 SCK



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com