Electronic Components Datasheet Search
  English  ▼

X  

L722AH Datasheet(PDF) 1 Page - Switchcraft, Inc.

Part # L722AH
Description  HT POWER JACKS L712AH, L722AH, RoHS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SWITCH [Switchcraft, Inc.]
Direct Link  http://switchcraft.com
Logo SWITCH - Switchcraft, Inc.

L722AH Datasheet(HTML) 1 Page - Switchcraft, Inc.

  L722AH Datasheet HTML 1Page - Switchcraft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SCHEMATIC
SLEEVE
SLEEVE SHUNT
CENTER PIN
A
A
L712AH
Ø 0.10" [2.5 mm]
CENTER PIN REF
B
B
L722AH
Ø0.08" [2.0mm]
CENTER PIN REF
POWER JACK
FLAT WASHER
5/16-32 UNEF HEX NUT
0.43 11.0
CENTER PIN
0.315 8.0
0.285 7.2
BUSHING FLAT
0.92 23.3
0.64 16.2
5/16-32 UNEF 2A
THREAD REF
CENTER PIN
SLEEVE
SLEEVE SHUNT
NOTES:
1. DIMENSIONS SHOWN FOR REFERENCE ONLY.
2. HEX NUT AND FLAT WASHER SUPPLIED UNASSEMBLED.
3. MATERIAL:
HOUSING, HEX NUT - COPPER ALLOY, NICKEL PLATED
INSULATOR HOUSING - THERMOPLASTIC
TERMINAL INSULATORS - PHENOLIC
FLAT WASHER - STEEL, NICKEL PLATED
PIN, SPRING, TERMINALS - COPPER ALLOY, SILVER PLATED
4. THESE PRODUCTS ARE RoHS COMPLIANT
PRELIMINARY
DO NOT SCALE DRAWING
REVISIONS
APVD
BY
DATE
ECO NUMBER
REV
REV
PART No.
NAME
OF
SHEET
APVD
CHKD
BY
DATE DRAWN
SCALE
FIRST USED ON
SPEC No.
SPEC No.
MATERIAL
FINISH
UNLESS OTHERWISE SPECIFIED
TEMPER
LBS/M
MULT
WIDTH
SIZE
THIS DRAWING DESCRIBES A DESIGN CONSIDERED PROPRIETARY IN NATURE, DEVELOPED AND MANUFACTURED
BY SWITCHCRAFT INC. AND IS RELEASED ON A CONFIDENTIAL BASIS FOR IDENTIFICATION PURPOSES ONLY.
B
0A
PDR 15004
6/27/16 PNK SRC
3:1
6/27/16
PNK
PNK
6/27/16
SRC
6/27/16
1
1
HT POWER JACKS
L712AH, L722AH, RoHS
L712AH L722AH
0A
1. ALL DIMENSIONS IN INCHES
- TWO PLACE DECIMALS
0.02
- THREE PLACE DECIMALS
0.005
SolidWorks CAD File
CUSTOMER DRAWING


Similar Part No. - L722AH

ManufacturerPart #DatasheetDescription
logo
Switchcraft, Inc.
L722AH SWITCH-L722AH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
L722AH SWITCH-L722AH Datasheet
3Mb / 4P
High Temperature DC Power Jacks & Plugs
More results

Similar Description - L722AH

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
MTJG-12-88JX1-FSG-PG ADAM-TECH-MTJG-12-88JX1-FSG-PG Datasheet
157Kb / 1P
MODULAR TELEPHONE JACKS GANGED & STACKED JACKS
MTJP-616L ADAM-TECH-MTJP-616L Datasheet
268Kb / 3P
MODULAR TELEPHONE JACKS WIRE LEADED JACKS
logo
Yamaichi Electronics Co...
TS4A YAMAICHI-TS4A Datasheet
181Kb / 6P
Modular Jacks
logo
Switchcraft, Inc.
135 SWITCH-135 Datasheet
412Kb / 1P
STRAIGHT MINIATURE POWER JACKS (continued)
RAPC712BK SWITCH-RAPC712BK Datasheet
40Kb / 1P
RIGHT ANGLE MINIATURE LOCKING POWER JACKS
logo
Amphenol Corporation
903-288P-52A AMPHENOL-903-288P-52A Datasheet
61Kb / 1P
Plugs & Jacks
logo
List of Unclassifed Man...
6046 ETC2-6046 Datasheet
401Kb / 1P
TEST JACKS
NP2X ETC2-NP2X Datasheet
4Mb / 23P
Plugs & Jacks
logo
Adam Technologies, Inc.
MTJ-88321 ADAM-TECH-MTJ-88321 Datasheet
4Mb / 27P
MODULAR JACKS
logo
NTE Electronics
JK-01 NTE-JK-01 Datasheet
551Kb / 1P
Power Jacks
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com