Electronic Components Datasheet Search
  English  ▼

X  

PA4836NL Datasheet(PDF) 4 Page - Pulse A Technitrol Company

Part # PA4836NL
Description  High Frequency Wire Wound Transformers
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PA4836NL Datasheet(HTML) 4 Page - Pulse A Technitrol Company

  PA4836NL Datasheet HTML 1Page - Pulse A Technitrol Company PA4836NL Datasheet HTML 2Page - Pulse A Technitrol Company PA4836NL Datasheet HTML 3Page - Pulse A Technitrol Company PA4836NL Datasheet HTML 4Page - Pulse A Technitrol Company PA4836NL Datasheet HTML 5Page - Pulse A Technitrol Company PA4836NL Datasheet HTML 6Page - Pulse A Technitrol Company PA4836NL Datasheet HTML 7Page - Pulse A Technitrol Company PA4836NL Datasheet HTML 8Page - Pulse A Technitrol Company PA4836NL Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
4
power.pulseelectronics.com
P675.P (08/19)
http://www.power.pulseelectronics.com/contact
High Frequency Wire Wound Transformers
EP13 Platforms - SMT
Electrical Specifications @ 25°C - Operating Temperature -40°C to +130°C1
Pri. Inductance
(3, 4)
230.4
µH ±30%
Lk. Inductance
(3, 4) with (10, 9, 8, 7) shorted
1.5
µH MAX
(3, 4)
36
m
Ω MAX
DCR
(8, 7-10, 9)
3.5
m
Ω MAX
(2-1)
58
m
Ω MAX
Hi-Pot
Pri-Sec
1500
Vrms
K1 Factor
42.7
Pri. Inductance
(3-4)
230.4
µH ±60%
Lk. Inductance
(3-4) with (10, 9, 8, 7) shorted
1.5
µH MAX
(3, 4)
36
m
Ω MAX
DCR
(7-9)=(8-10)
54
m
Ω MAX
(2-1)
55
m
Ω MAX
Hi-Pot
Pri-Sec
1500
Vrms
K1 Factor
42.7
Pri. Inductance
(3, 4)
6.7
µH ±7%
Lk. Inductance
(3, 4) with (10, 9, 8, 7) shorted
0.65
µH MAX
(3, 4)
25
m
Ω MAX
DCR
(8, 7-10, 9)
6.5
m
Ω MAX
(2-1)
115
m
Ω MAX
Hi-Pot
Pri-Sec
1500
Vrms
K1 Factor
381.8
Pri. Inductance
(1, 4)
115.5
µH ±7%
Lk. Inductance
(1, 4) with (10, 9, 8, 7) shorted
0.65
µH MAX
(1, 4)
330
m
Ω MAX
DCR
(7, 8-9, 10)
11
m
Ω MAX
(5-2)
460
m
Ω MAX
Hi-Pot
Pri-Sec
1500
Vrms
K1 Factor
1645.3
Pri. Inductance
(5-4)
164
µH ±10%
Lk. Inductance
(5-4) with (10, 9, 8, 7) shorted
3
µH MAX
(5-4)
292
m
Ω MAX
(7, 8-9, 10)
8.5
m
Ω MAX
(2-1)
60
m
Ω MAX
Hi-Pot
Pri-Sec
1500
Vdc
K1 Factor
2628.2
PA1577NL
PA1769NL
PA1861NL
PA2070NL
300kHz
10V / 50mA
12V / 1.65A
12V / 1.65A
28V-68V
1.71
1.0
0.86
1.0
36V-60V
200kHz
12V / 20mA
3.0
2.33
1.0
5V / 2.4A
FORWARD TRANSFORMER
FLYBACK TRANSFORMER
FLYBACK TRANSFORMER
FLYBACK TRANSFORMER
DCR
33V-57V
200kHz
2
6
8V / 20mA
1.0
3.3V / 11W
10V / 20 mA
8
36V-60V
200kHz
2
1.0
5V / 2.4A
26V-68V
300kHz
10V / 50mA
6
3
1.03.3V / 12A
FORWARD TRANSFORMER
PA1576NL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com