Electronic Components Datasheet Search
  English  ▼

X  

AP2112 Datasheet(PDF) 13 Page - Diodes Incorporated

Part # AP2112
Description  600mA CMOS LDO REGULATOR WITH ENABLE
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2112 Datasheet(HTML) 13 Page - Diodes Incorporated

Back Button AP2112 Datasheet HTML 9Page - Diodes Incorporated AP2112 Datasheet HTML 10Page - Diodes Incorporated AP2112 Datasheet HTML 11Page - Diodes Incorporated AP2112 Datasheet HTML 12Page - Diodes Incorporated AP2112 Datasheet HTML 13Page - Diodes Incorporated AP2112 Datasheet HTML 14Page - Diodes Incorporated AP2112 Datasheet HTML 15Page - Diodes Incorporated AP2112 Datasheet HTML 16Page - Diodes Incorporated AP2112 Datasheet HTML 17Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AP2112
Document number: DS39724 Rev. 2 - 2
13 of 18
www.diodes.com
June 2017
© Diodes Incorporated
AP2112
Marking Information
(1)
SOT25
XXX
(2)
SO-8
(3)
SOT89-5
: Logo
XXX : Marking ID (See Ordering Information)
XXXX
YWWAXX
First Line: Logo and Marking ID
Second line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7
th and 8th Digits of Batch Number
2112M-X.XG1
YWWAXX
First line: Logo and Marking ID
Second line: Date Code
Y: Year
WW: Work Week of Molding
A: Assembly House Code
XX: 7
th and 8th Digits of Batch Number



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com