Electronic Components Datasheet Search
  English  ▼

X  

700HTP-2 Datasheet(PDF) 2 Page - Fluke Corporation

Part # 700HTP-2
Description  Hydraulic Test Pump
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FLUKE [Fluke Corporation]
Direct Link  https://www.fluke.com/en-us
Logo FLUKE - Fluke Corporation

700HTP-2 Datasheet(HTML) 2 Page - Fluke Corporation

  700HTP-2 Datasheet HTML 1Page - Fluke Corporation 700HTP-2 Datasheet HTML 2Page - Fluke Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Features
gsp001.eps
No.
Item
Function
Master
Instrument Port
Port for Fluke 700 Series Pressure
Module, 1/4-inch NPT female.
Test Pressure
Port
Port for pressure instrument under
test, 1/4-inch NPT female.
Pressure Relief
Valve Port
Port for an optional Fluke 700PRV-1
Pressure Relief Valve (plugged).
Vernier Fine
Adjustment Knob
Lets you adjust the applied pressure
in small increments.
Hydraulic Fluid
Reservoir
Holds 100 cc of mineral based
hydraulic oil, distilled water, or
hydraulic oil.
1/4-inch NPT Tee
Fitting
For master and test ports.
Handle Limiter
Limits the travel of the handles.
Reservoir Filler
Cap
Cap which seals the hydraulic fluid
reservoir. Install before you pump.
Pressure Bleed
Knob
Lets you release pressure in small
increments.
Reservoir Nut
Remove nut to clean reservoir.
gsp002.eps
Figure 1. Test Configuration
How to Operate the Test Pump
W Warning
To prevent a violent release of pressure, open the
Pressure Bleed Knob (item
) very slowly before you
disconnect pressure lines. Do not connect the Pump to
an external pressure source.
W Caution
To prevent damage when a Pressure Module or Pressure
Instrument is connected that could be damaged by
pressures of 690 bar (10,000 psi), install and correctly
set a relief valve in the system or an optional Fluke
700PRV-1 Pressure Relief Valve on the Pump.
1.
Connect a 700 Series Pressure Module (the Pressure Module)
to the Master Instrument Port (item
.) To connect to a 700P
High Pressure Module (700P29, P30, or P31) install a male
1/4-inch NPT Adapter. Use Teflon
® tape or equivalent on the
NPT thread connections to prevent leaks.
2.
Fill and Prime the Pump. See “How to Prime the Test Pump”.
3.
Connect the Pressure Module to the calibrator as shown in
Figure 1.
4.
Connect the input of the Pressure Unit Under Test (UUT) to the
Test Pressure Port (item
) on the Test Pump.
5.
Loosen the Pressure Bleed Knob (item
) to release pressure
from the Pump.
6.
Use the Calibrator to zero the Pressure Module. Refer to the
Users Manual for instructions.
7.
Turn the Vernier Fine Adjustment Knob (item
) to the
middle-range.
8.
Turn the Pressure Bleed Knob (item
) clockwise until it stops
in the full closed position.
9.
Squeeze the handles together to pump fluid which will increase
pressure. See the Notes in step 2 of the “How to Prime the Test
Pump” procedure.
W Caution
To prevent damage, do not let the pressure increase to
more than the pressure rating of the equipment under
test. Pressure can increase quickly if the pressurized
volume is small.
10. For incremental pressure adjustments, use the Vernier Fine
Adjustment Knob.
11. Once the test is done, slowly turn the Pressure Bleed Knob
(item
) counter-clockwise to release pressure.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com